Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL91110IR Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL91110IR
Description  High Efficiency Buck-Boost Regulator with 4.5A Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL91110IR Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL91110IR Datasheet HTML 4Page - Intersil Corporation ISL91110IR Datasheet HTML 5Page - Intersil Corporation ISL91110IR Datasheet HTML 6Page - Intersil Corporation ISL91110IR Datasheet HTML 7Page - Intersil Corporation ISL91110IR Datasheet HTML 8Page - Intersil Corporation ISL91110IR Datasheet HTML 9Page - Intersil Corporation ISL91110IR Datasheet HTML 10Page - Intersil Corporation ISL91110IR Datasheet HTML 11Page - Intersil Corporation ISL91110IR Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ISL91110
8
FN8434.4
February 5, 2016
Submit Document Feedback
Functional Description
Functional Overview
Refer to the “Block Diagram” on page 2. The ISL91110
implements a complete buck-boost switching regulator, with
PWM controller, internal switches, references, protection circuitry
and control inputs.
The PWM controller automatically switches between buck and
boost modes as necessary to maintain a steady output voltage,
with changing input voltages and dynamic external loads.
Internal Supply and References
Referring to the “Block Diagram” on page 2, the ISL91110
provides four power input pins. The PVIN pin supplies input power
to the DC/DC converter, while the VIN pin provides operating
voltage source required for stable VREF generation. Separate
ground pins (GND and PGND) are provided to avoid problems
caused by ground shift due to the high switching currents.
Enable Input
The device is enabled by asserting the EN pin HIGH. Driving EN
LOW invokes a power-down mode, where most internal device
functions are disabled.
Soft Discharge
When the device is disabled by driving EN LOW, an internal resistor
between VOUT and GND is activated to slowly discharge the output
capacitor. This internal resistor has a typical 120Ω resistance.
POR Sequence and Soft-Start
Asserting the EN pin HIGH allows the device to power up. A
number of events occur during the start-up sequence. The
internal voltage reference powers up, and stabilizes. The device
then starts operating. There is a typical 1ms delay between
assertion of the EN pin and the start of switching regulator
soft-start ramp.
The soft-start feature minimizes output voltage overshoot and
input inrush currents. During soft-start, the reference voltage is
ramped to provide a ramping VOUT voltage. While the output
voltage is lower than approximately 20% of the target output
voltage, switching frequency is reduced to a fraction of the
normal switching frequency to aid in producing low duty cycles
necessary to avoid input inrush current spikes. Once the output
voltage exceeds 20% of the target voltage, switching frequency is
increased to its nominal value.
When the target output voltage is higher than the input voltage,
there will be a transition from buck mode to boost mode during
the soft-start sequence. At the time of this transition, the ramp
rate of the reference voltage is decreased, such that the output
voltage slew rate is decreased. This provides a slower output
voltage slew rate.
The VOUT ramp time is not constant for all operating conditions.
Soft-start into boost mode will take longer than soft-start into
buck mode. The total soft-start time into buck operating mode is
typically 2ms, whereas the typical soft-start time into boost
mode operating mode is typically 3ms. Increasing the load
current will increase these typical soft-start times.
Overcurrent Protection
The ISL91110 provides short-circuit protection by monitoring the
feedback voltage. When feedback voltage is sensed to be lower
than a certain threshold, the PWM oscillator frequency is
reduced in order to protect the device from damage. The
P-Channel MOSFET peak current limit remains active during this
state.
When the current in the P-Channel MOSFET is sensed to reach the
current limit for 16 consecutive switching cycles, the internal
protection circuit is triggered, and switching is stopped for
approximately 40ms. The device then performs a soft-start cycle. If
the external output overcurrent condition exists after the soft-start
cycle, the device will again detect 16 consecutive switching cycles
reaching the peak current threshold and turns off for 40ms. The
process will repeat as long as the external overcurrent condition is
present. This behavior is called “hiccup mode”.
FIGURE 16. OUTPUT SHORT-CIRCUIT BEHAVIOR (VIN = 3.6V,
VOUT =3.3V)
FIGURE 17. 4V TO 3.2V LINE TRANSIENT (VOUT = 3.3V, LOAD = 1A)
Typical Performance Curves Unless otherwise noted, operating conditions are: T
A = +25°C, VIN = EN = 3.6V, L = 1µH,
C1 = 2x10µF, C2 = 2x22µF, VOUT = 3.3V, IOUT = 0A to 3A (Continued)
LX2 (2V/DIV)
VOUT (1V/DIV)
IL (1A/DIV)
LX1 (2V/DIV)
20ms/DIV
VOUT (AC, 100mV/DIV)
10µs/DIV
VIN (1V/DIV)


Similar Part No. - ISL91110IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91110IR RENESAS-ISL91110IR Datasheet
721Kb / 13P
   High Efficiency Buck-Boost Regulator with 5.4A Switches
ISL91110IR2A-EVZ RENESAS-ISL91110IR2A-EVZ Datasheet
721Kb / 13P
   High Efficiency Buck-Boost Regulator with 5.4A Switches
ISL91110IR2AZ-T RENESAS-ISL91110IR2AZ-T Datasheet
721Kb / 13P
   High Efficiency Buck-Boost Regulator with 5.4A Switches
ISL91110IR2AZ-T7A RENESAS-ISL91110IR2AZ-T7A Datasheet
721Kb / 13P
   High Efficiency Buck-Boost Regulator with 5.4A Switches
ISL91110IRA-EVZ RENESAS-ISL91110IRA-EVZ Datasheet
721Kb / 13P
   High Efficiency Buck-Boost Regulator with 5.4A Switches
More results

Similar Description - ISL91110IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91127IR RENESAS-ISL91127IR Datasheet
984Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Intersil Corporation
ISL91127 INTERSIL-ISL91127 Datasheet
117Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91128 INTERSIL-ISL91128 Datasheet
121Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91127 RENESAS-ISL91127 Datasheet
1Mb / 13P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110 RENESAS-ISL91110 Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Intersil Corporation
ISL91127IR INTERSIL-ISL91127IR Datasheet
751Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91128 RENESAS-ISL91128 Datasheet
999Kb / 17P
   High Efficiency Buck-Boost Regulator with 4.5A Switches and I2C Interface
logo
Intersil Corporation
ISL91107IR INTERSIL-ISL91107IR Datasheet
608Kb / 13P
   High Efficiency Buck-Boost Regulator with 4.1A Switches
logo
Renesas Technology Corp
ISL91107IR RENESAS-ISL91107IR Datasheet
808Kb / 13P
   High Efficiency Buck-Boost Regulator with 4.1A Switches
logo
Maxim Integrated Produc...
MAX77816 MAXIM-MAX77816_V01 Datasheet
1Mb / 30P
   High-Efficiency Buck-Boost Regulator with 5A Switches
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com