Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL58327 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL58327
Description  Wide Optical Spectrum Laser Power Monitor IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58327 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL58327 Datasheet HTML 6Page - Intersil Corporation ISL58327 Datasheet HTML 7Page - Intersil Corporation ISL58327 Datasheet HTML 8Page - Intersil Corporation ISL58327 Datasheet HTML 9Page - Intersil Corporation ISL58327 Datasheet HTML 10Page - Intersil Corporation ISL58327 Datasheet HTML 11Page - Intersil Corporation ISL58327 Datasheet HTML 12Page - Intersil Corporation ISL58327 Datasheet HTML 13Page - Intersil Corporation ISL58327 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ISL58327
10
FN6577.2
July 29, 2013
Register Map
ADDR
NAME
b7
b6
b5
b4
b3
b2
b1
b0
DEFAULT
ACCESS
00h
ID0
DEVICE ID
27h
R
01h
ID1
DEVICE OPTION
DEVICE VERSION
E0h
R
02h
reserved
03h
reserved for multi-chip protocol
04h
reserved for multi-chip protocol
05h
reserved for multi-chip protocol
06h
reserved for multi-chip protocol
07h
reserved for multi-chip protocol
08h
reserved for multi-chip protocol
09h
reserved for multi-chip protocol
0Ah
reserved for multi-chip protocol
0Bh
reserved for multi-chip protocol
0Ch
reserved for multi-chip protocol
0Dh
reserved for multi-chip protocol
0Eh
reserved for multi-chip protocol
0Fh
reserved for multi-chip protocol
10h
CONTROL
h/l
deglitch_b
blue
red/green
test_en
x
x
chip_en
06h
RW
11h
B _GAIN0
blue_h[3: 0]
blue_l[3:0]
FFh
RW
12h
B_H_GAIN
blue_h[11:4]
7Fh
RW
13h
B_L_GAIN
blue_l[11:4]
7Fh
RW
14h
R_GAIN0
red_h[3:0]
red_l[3:0]
FFh
RW
15h
R_H_GAIN
red_h[11:4]
7Fh
RW
16h
R_L_GAIN
red_l[11:4]
7Fh
RW
17h
GREEN_GAIN0
green_h[3:0]
green_l[3:0]
FFh
RW
18h
GREEN_H_GAIN
green_h[11:4]
7Fh
RW
19h
GREEN_L_GAIN
green_l[11:4]
7Fh
RW
1Ah
ST_RED
st_en_red
st_time_red[2:0]
x
st_mag_red[2:0]
00h
RW
1Bh
ST_GREEN
st_en_green
st_time_green[2:0]
x
st_mag_green[2:0]
00h
RW
1Ch
TIA_GAIN
x
x
x
x
tia_h[1:0]
tia_l[1:0]
00h
RW
1Dh
reserved
1Eh
ST_BLUE
st_en_blue
st_time_blue[2:0]
x
st_mag_blue[2:0]
00h
RW
Note: All gain registers in this table can be used for any wavelength in spectral range from 390nm to 1000nm, not limited to wavelengths specified.


Similar Part No. - ISL58327

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL58327 RENESAS-ISL58327 Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58327CIZ-T7 RENESAS-ISL58327CIZ-T7 Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58327CIZ-T7A RENESAS-ISL58327CIZ-T7A Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
More results

Similar Description - ISL58327

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL58333_1110 INTERSIL-ISL58333_1110 Datasheet
89Kb / 2P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58333 INTERSIL-ISL58333 Datasheet
139Kb / 2P
   Wide Optical Spectrum Laser Power Monitor IC
logo
Renesas Technology Corp
ISL58327 RENESAS-ISL58327 Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58334 RENESAS-ISL58334 Datasheet
196Kb / 2P
   3V Wide Optical Spectrum Laser Power Monitor IC
ISL58328 RENESAS-ISL58328 Datasheet
634Kb / 14P
   5V Wide Optical Spectrum Laser Power Monitor IC
logo
ON Semiconductor
ENA1919 ONSEMI-ENA1919 Datasheet
108Kb / 9P
   Front Monitor OE-IC for Optical Pickups
June, 2013
logo
Rohm
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
   Optical Sensor for Heart Rate Monitor IC
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
   Optical Sensor for Heart Rate Monitor IC
logo
KODENSHI_AUK CORP.
KOM-1020 KODENSHI-KOM-1020 Datasheet
243Kb / 1P
   Power Monitor IC
logo
ON Semiconductor
ENA1823 ONSEMI-ENA1823 Datasheet
100Kb / 7P
   Front Monitor OE-IC for Optical Pickups
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com