Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH967C6 Datasheet(PDF) 5 Page - Fuji Electric

Part # PH967C6
Description  SPECIFICATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

PH967C6 Datasheet(HTML) 5 Page - Fuji Electric

  PH967C6 Datasheet HTML 1Page - Fuji Electric PH967C6 Datasheet HTML 2Page - Fuji Electric PH967C6 Datasheet HTML 3Page - Fuji Electric PH967C6 Datasheet HTML 4Page - Fuji Electric PH967C6 Datasheet HTML 5Page - Fuji Electric PH967C6 Datasheet HTML 6Page - Fuji Electric PH967C6 Datasheet HTML 7Page - Fuji Electric PH967C6 Datasheet HTML 8Page - Fuji Electric PH967C6 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
H04-004-03
Fuji Electric Co.,Ltd.
MS5D1445
5/12
Test Test
Testing methods and Conditions
Reference
Sampling Acceptance
No.
Items
Standard
number
number
EIAJ ED4701
1 High Temp.
Temperature :Tstg max
B-111A
22
Storage
Test duration : 1000h
2 Low Temp.
Temperature : Tstg min
B-112A
22
Storage
Test duration : 1000h
3 Temperature
Temperature : 85±2°C
B-121A
Humidity
Relative humidity : 85±5%
test code C
22
Storage
Test duration : 1000h
4 Temperature
Temperature : 85±2°C
Humidity
Relative humidity : 85±5%
B-122A
22
Bias
Bias Voltage : VRRM× 0.8
test code C
Test duration : 1000h
5 Unsaturated
Temperature : 120±2°C
(0:1)
Pressurized
Relative humidity : 85±5%
B-123A
22
Vapor
Vapor pressure : 170kPa
test code B
Test duration : 96h
6 Temperature
High temp.side : Tstg max
Cycle
Room temp.
: 5∼35℃
Low temp.side : Tstg min
B-131A
22
Duration time : HT 30min,RT 5min LT 30min
Number of cycles : 100 cycles
7 Thermal Shock
Fluid : pure water(running water)
High temp.side : 100+0/-5
°C
B-141A
22
Low temp.side : 0+5/-0
°C
test code A
Duration time : HT 5min,LT 5min
Number of cycles : 100 cycles
8 Steady state
Ta=25
±5°C
Operating life
Rated load
D-402
22
Test duration : 1000h
9 Intermittent
Tj=Tjmax ∼50℃
Operating
3min ON, 3min OFF
D-403
22
(0:1)
Life
Test duration : 10000cy
10 High Temp.
Temperature : Ta= 100 °C
Reverse Bias
Bias Voltage : VR=VRRM duty=1/2
D-404
22
Test duration : 1000h
Failure Criteria
IR ≦USL x 5
USL:Upper specification Limit
VF≦USL x 1.1


Similar Part No. - PH967C6

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
PH965C6 FUJI-PH965C6 Datasheet
276Kb / 12P
   SPECIFICATION
More results

Similar Description - PH967C6

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
CL31B105KCHSNNE SAMSUNG-CL31B105KCHSNNE Datasheet
152Kb / 2P
   SPECIFICATION
CL10A226MQ8NRNE SAMSUNG-CL10A226MQ8NRNE Datasheet
140Kb / 2P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com