Electronic Components Datasheet Search |
|
TBU-CAxxx-300-WH Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
TBU-CAxxx-300-WH Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 6 page Features n Superiorcircuitprotection n Overcurrentandovervoltageprotection n Blockssurgesuptoratedlimits n High-speedperformance n SmallSMTpackage n Agencylisting: Applications n Voice/VDSLcards n Protectionmodulesanddongles n Processcontrolequipment n Testandmeasurementequipment n Generalelectronics TBU-CA Series - TBU® High-Speed Protectors *RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011. Specificationsaresubjecttochangewithoutnotice. Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime. Usersshouldverifyactualdeviceperformanceintheirspecificapplications. General Information The TBU-CA Series of Bourns® TBU® products are low capacitance single bidirectional high-speed protection components, constructed using MOSFET semiconductor technology, and designed to protect against faults caused by short circuits, AC power cross, induction and lightning surges. The TBU® high-speed protector placed in the system circuit will monitor the current with the MOSFET detection circuit triggering to provide an effective barrier behind which sensitive electronics will not be exposed to large voltages or currents during surge events. The TBU® device is provided in a surface mount DFN package and meets industry standard requirements such as RoHS and Pb Free solder reflow profiles. Agency Listing Description UL File Number: E315805 Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted) Symbol Parameter Part Number Value Unit Vimp Peak impulse voltage withstand with duration less than 10 ms TBU-CA025-xxx-WH TBU-CA040-xxx-WH TBU-CA050-xxx-WH TBU-CA065-xxx-WH TBU-CA085-xxx-WH 250 400 500 650 850 V Vrms Continuous A.C. RMS voltage TBU-CA025-xxx-WH TBU-CA040-xxx-WH TBU-CA050-xxx-WH TBU-CA065-xxx-WH TBU-CA085-xxx-WH 100 200 250 300 425 V Top Operating temperature range -55 to +125 °C Tstg Storage temperature range -65 to +150 °C Tjmax Maximum Junction Temperature +125 °C ESD HBM ESD protection per IEC 61000-4-2 ±2 kV TBU® Device Line In/ Line Out Line Out/ Line In Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116 EMEA: Tel: +36 88 520 390 • Fax: +36 88 520 211 The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700 www.bourns.com |
Similar Part No. - TBU-CAxxx-300-WH |
|
Similar Description - TBU-CAxxx-300-WH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |