Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

312334--1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 312334--1
Description  Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

312334--1 Datasheet(HTML) 1 Page - Tyco Electronics

  312334--1 Datasheet HTML 1Page - Tyco Electronics 312334--1 Datasheet HTML 2Page - Tyco Electronics 312334--1 Datasheet HTML 3Page - Tyco Electronics 312334--1 Datasheet HTML 4Page - Tyco Electronics 312334--1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Instruction Sheet
Terminating Head 58062- 1
For AMPMODU* Mass Termination (MT)
408--9085
LOC B
1
of 5
E
2010 Tyco Electronics Corporation, Harrisburg, PA
All International Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names used are the property of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
04 FEB 10 Rev B
Receptacle Connectors
Figure 1
Channel
Ramp
Feed Channel
Slot
Wire Inserter
Adjuster
(Inserter Rod)
Anti--Backup Pawl
(Not Shown)
Feed Slide
(Not Shown)
Wire Guide
Note:
Adapter for Single--Row
Connectors Not Shown
1. INTRODUCTION
Terminating Head 58062--1 is designed to terminate
unstripped discrete wire sizes 30 through 20 AWG
onto AMPMODU MT receptacle connectors having a
single row (reference part number 1--102747--7) or
double row (reference part number 102393--1)
of contacts with spacing on 2.54¢2.54 mm
[100¢100 in.] centerlines.
The head must be used with one of the following
power units (for operating procedure, refer to the
instructions packaged with the power unit).
Power Unit
Instruction Sheet (408) or
Customer Manual (409)
Pistol Grip Manual Handle
Assembly 58074--1
408--6790
Pistol Grip Pneumatic Handle
Assembly 58075--1
408--6789
Pneumatic Power Bench
Assembly 58338--1
408--9393
Electric Power Unit 931800--1
409--5746
Dimensions in this instruction sheet are in
millimeters [with inches in brackets]. Figures are
not drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 8, REVISION SUMMARY.
2. DESCRIPTION (Figure 1)
Features of the head and their function are as follows:
Wire inserter—forces the wire into the slotted beams
of the contact.
Wire guide—holds the connector properly in relation
to the wire.
Adjuster (inserter rod)—is a piston for, and regulates
the travel of, the wire inserter.
Feed slide—automatically advances the connector
after each termination.
Anti--backup pawl—prevents the connector from
moving out of position after it has been advanced by
the feed slide.
An adapter is included with the head that must be
used for terminating single--row connectors.
After the head is installed onto the power unit, it
serves as a guide and support for the connector
during termination. The arrow on the top of the head
indicates the direction that the connector will move in
the head. The wires are terminated onto the
connector using the insulation displacement
technique.
3. SETUP
1. For single--row connectors, refer to Figures 1
and 2, and install the adapter onto the head as
follows:
a. Align the side of the adapter with the side of
the head so that the bottom starts at the slot
and the clip starts at the ramp.
b. Slide the adapter into the slot until the clip
drops into the channel.
2. Install the head onto the power unit according to
the instructions packaged with the power unit.
Make sure to observe any cautions and dangers.
NOTE
i


Similar Part No. - 312334--1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
312331--1 MACOM-312331--1 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
312339--1 MACOM-312339--1 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
More results

Similar Description - 312334--1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8580 TEC-408-8580 Datasheet
262Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10221 TEC-408-10221 Datasheet
262Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-10041 MACOM-408-10041 Datasheet
275Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-4074 TEC-408-4074 Datasheet
238Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-8340 TEC-408-8340 Datasheet
107Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-9603 MACOM-408-9603 Datasheet
224Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-9910 MACOM-408-9910 Datasheet
169Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
408-10047 MACOM-408-10047 Datasheet
228Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-6929 TEC-408-6929 Datasheet
166Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-9809 MACOM-408-9809 Datasheet
122Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 4, REVISION SUMMARY.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com