Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2410-39N-MSP-T Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2410-39N-MSP-T
Description  5-Pin Multi-Stage Protector (MSP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2410-39N-MSP-T Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2410-39N-MSP-T Datasheet HTML 1Page - Bourns Electronic Solutions 2410-39N-MSP-T Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Patented Multi-stage protection (MSP®)
Balanced TRIGARD®
Patented Switch-Grade Fail-Short Device
Quick response and high energy handling
Ideal for high-speed networks in high
exposure environments
Listed per UL 497 (File: 53117)
Meets test requirements of Telcordia
GR 974, GR1361, SBC SR 5165 and
RUS PE-80
Telcordia Analysis report DA-1547
Solid brass, gold-plated pins
Test point access option
Sealed option for harsh environments
Characteristics
2410 Series - 5-Pin Multi-Stage Protector (MSP®)
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Bourns® 5-Pin Multi-Stage Protector (MSP®) is the latest generation telecommunications protector for high performance and long life
in overvoltage protection of copper pair voice-band and high-speed data circuits. Bourns MSP® combines the advantages of gas tube
and solid state protection while integrating three advanced technologies: a proprietary high-efficiency gas discharge tube,
precision matched metal oxide varistors and a patented Switch-Grade Fail-Short mechanism. The Switch-Grade Fail-Short
mechanism ensures superior thermal protection with fast acting, highly reliable response to thermal overload conditions. This
combined technology provides lower capacitance, higher reliability and longer life than competitive hybrid technologies.
Bourns® 2410 can be used universally for POTS and high speed data, e.g. ISDN, ADSL, ADSL2+, VDSL, VDSL2, other xDSL
protocols and high speed Ethernet. Bourns® MSP® technology provides unparalleled overvoltage protection with low loss on paired
copper communications circuits. The 2410 series is the most economical, reliable and effective choice for overvoltage protection of
copper pair circuits.
Test Methods per UL 497, CSA C22.2, Telcordia GR 974, 1361 and SBC SR 5165.
DC Breakdown ............................................................................................................................................... 300-400 V
AC Breakdown @ 60 Hz ................................................................................................................................ 300-400 V
Impulse Breakdown
100 V/μs .................................................................................................................................................... 600 V
1000 V/μs .................................................................................................................................................. 650 V
Insulation Resistance @ 100 Vdc .................................................................................................................. >1 GΩ
Insertion Loss @ 100 MHz ............................................................................................................................. <0.4 dB1
Return Loss @ 100 MHz ................................................................................................................................ >14 dB1
Capacitance Tip to Ring @ 1 MHz ................................................................................................................. 10 pF typical
Capacitance Tip or Ring to Ground @ 1 MHz ................................................................................................ 20 pF typical
Impulse Reset 5
52 V, 260 mA ............................................................................................................................................. <10 ms
135 V, 200 mA ........................................................................................................................................... <10 ms
150 V, 200 mA ........................................................................................................................................... <150 ms
Impulse Life Characteristics (Tip and Ring to Ground Simultaneously)
10 to 100 A, 10/1000 μs ............................................................................................................................ >3000 operations2
300 A, 10/1000 μs ..................................................................................................................................... >1000 operations2
500 A, 10/1000 μs ..................................................................................................................................... >1000 operations4
2,000 A, 10/250 μs .................................................................................................................................... >100 operations2
5,000 A, 20/100 μs .................................................................................................................................... >10 operations2
20,000 A, 8/20 μs ...................................................................................................................................... >10 operations4
AC Life Characteristics (Tip and Ring to Ground Simultaneously)
0.5 A rms continuous ................................................................................................................................. >30 seconds
1 A rms, 1 second, 600 ft. cable ................................................................................................................ >60 seconds
1 A rms, 1 second, 1 mile cable................................................................................................................. >60 operations
10 A rms, 1 second .................................................................................................................................... >5 operations
65 A rms, 11 cycles.................................................................................................................................... >1 operation3
120 A rms, 0.1 second ............................................................................................................................... 1 operation
High Current Capability and Thermal Operation (Tip and Ring to Ground,
Vented or Non-Vented Gas Tube) .................................................................................................................. >30 A rms, simultaneously
Storage and Operating Temperature .............................................................................................................. -55 to +85 °C
Telcordia analyzed for controlled (non-sealed) and uncontrolled, high-exposure (sealed) environments per GR 974 and SBC SR 5165.
Telcordia Technical Analysis Report DA-1547.
Notes:
1 Tested according to Category 5 requirements
2
Exceeds Telcordia (Bellcore) GR 1361
3
Surpasses Telcordia GR 974
4
RUS (REA) PE-80
5
Network applied
Line to Line voltage is approximately 1.8 to 2 times the stated Line to Ground breakdown voltage.


Similar Part No. - 2410-39N-MSP-T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2410-39-G-BC-S BOURNS-2410-39-G-BC-S Datasheet
144Kb / 2P
   2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
2410-39-G-BC-ST BOURNS-2410-39-G-BC-ST Datasheet
144Kb / 2P
   2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
2410-39-G-BC-T BOURNS-2410-39-G-BC-T Datasheet
144Kb / 2P
   2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
2410-39-G-MSP-S BOURNS-2410-39-G-MSP-S Datasheet
144Kb / 2P
   2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
2410-39-G-MSP-ST BOURNS-2410-39-G-MSP-ST Datasheet
144Kb / 2P
   2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
More results

Similar Description - 2410-39N-MSP-T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2410-31-G-MSP-S BOURNS-2410-31-G-MSP-S Datasheet
144Kb / 2P
   2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
2377-45-HS BOURNS-2377-45-HS Datasheet
228Kb / 2P
   MSP Maximum Duty Station Protector
2378-35-HS BOURNS-2378-35-HS Datasheet
161Kb / 2P
   MSP Heavy Duty Station Protector
242031GS BOURNS-242031GS Datasheet
234Kb / 2P
   5-Pin Gas Discharge Tube (GDT) Protector
2420-31-G-S BOURNS-2420-31-G-S Datasheet
199Kb / 2P
   5-Pin Gas Discharge Tube (GDT) Protector
logo
PMC-Sierra, Inc
MSP5000 PMC-MSP5000 Datasheet
47Kb / 2P
   MSP for Multi-Service Platforms and Intelligent IADs
logo
3M Electronics
08369 3M-08369 Datasheet
98Kb / 4P
   MSP SeamSealer
logo
Advantech Co., Ltd.
BB-HESP4DR ADVANTECH-BB-HESP4DR Datasheet
320Kb / 1P
   Three-stage DIN Rail Surge Protector
logo
II-VI Marlow, Inc.
SP2394 VIMARLOW-SP2394 Datasheet
214Kb / 2P
   Multi-Stage Thermoelectric Cooler
logo
Schaffner International...
FN-352-Z SCHAFFNER-FN-352-Z Datasheet
291Kb / 4P
   Multi-stage EMI Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com