Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2410-71G-BC-T Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2410-71G-BC-T
Description  5-Pin Multi-Stage Protector (MSP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2410-71G-BC-T Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2410-71G-BC-T Datasheet HTML 1Page - Bourns Electronic Solutions 2410-71G-BC-T Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
19.0
(0.75)
11.2
(0.440)
5.6
(0.220)
42.17
(1.66)
29.9
(1.18)
10.2
(0.40)
2410-3 MODULE
5.1
(0.20)
11.2
(0.44)
12.8
(0.50)
2.2
(.085)
DIA.
2 PLCS.
2.3
(.092)
DIA.
5 PLCS.
3.6
(0.14)
6.1
(0.240)
5.7
(0.223)
“MSP” and “TRIGARD” are registered trademarks of Bourns, Inc.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2410 Series - 5-Pin Multi-Stage Protector (MSP®)
Product Dimensions
REV. O 04/15
DIMENSIONS:
MM
(INCHES)
How To Order
2410 - X XX - X - XXX - XX
Model Number Designator
Module Length
3 = Standard: 52.37 mm (2.06 in.)
7 = Special Short: 41.19 mm (1.62 in.)
Housing Color/Circuit Type
1 = Black/Standard
6 = Blue/Standard
10 = Yellow/Standard
3 = Red/Special
9 = Orange/Standard Service (non-Bridgelifter)
Pin Plating
G = Gold Plated
N = Tin Plated
Protector Type
MSP® = Multi-Stage Protector
BC = Balanced Capacitance*
Special Options
S = Sealed Case
ST = Sealed Case and Test Points**
T = Test Points**
*For use on DSL Systems that require balanced capacitance of ≤1 pF.
**T and ST options are not available on 2410-7x short module.
30.99
(1.22)
24.9
(0.98)
10.2
(0.40)
2410-7 MODULE
5.1
(0.20)
6.15
(0.24)


Similar Part No. - 2410-71G-BC-T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2410-71-G-BC-S BOURNS-2410-71-G-BC-S Datasheet
144Kb / 2P
   2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
2410-71-G-BC-ST BOURNS-2410-71-G-BC-ST Datasheet
144Kb / 2P
   2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
2410-71-G-BC-T BOURNS-2410-71-G-BC-T Datasheet
144Kb / 2P
   2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
2410-71-G-MSP-S BOURNS-2410-71-G-MSP-S Datasheet
144Kb / 2P
   2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
2410-71-G-MSP-ST BOURNS-2410-71-G-MSP-ST Datasheet
144Kb / 2P
   2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
More results

Similar Description - 2410-71G-BC-T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2410-31-G-MSP-S BOURNS-2410-31-G-MSP-S Datasheet
144Kb / 2P
   2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
2377-45-HS BOURNS-2377-45-HS Datasheet
228Kb / 2P
   MSP Maximum Duty Station Protector
2378-35-HS BOURNS-2378-35-HS Datasheet
161Kb / 2P
   MSP Heavy Duty Station Protector
242031GS BOURNS-242031GS Datasheet
234Kb / 2P
   5-Pin Gas Discharge Tube (GDT) Protector
2420-31-G-S BOURNS-2420-31-G-S Datasheet
199Kb / 2P
   5-Pin Gas Discharge Tube (GDT) Protector
logo
PMC-Sierra, Inc
MSP5000 PMC-MSP5000 Datasheet
47Kb / 2P
   MSP for Multi-Service Platforms and Intelligent IADs
logo
3M Electronics
08369 3M-08369 Datasheet
98Kb / 4P
   MSP SeamSealer
logo
Advantech Co., Ltd.
BB-HESP4DR ADVANTECH-BB-HESP4DR Datasheet
320Kb / 1P
   Three-stage DIN Rail Surge Protector
logo
II-VI Marlow, Inc.
SP2394 VIMARLOW-SP2394 Datasheet
214Kb / 2P
   Multi-Stage Thermoelectric Cooler
logo
Schaffner International...
FN-352-Z SCHAFFNER-FN-352-Z Datasheet
291Kb / 4P
   Multi-stage EMI Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com