Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70244SEHVF Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL70244SEHVF
Description  19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70244SEHVF Datasheet(HTML) 3 Page - Intersil Corporation

  ISL70244SEHVF Datasheet HTML 1Page - Intersil Corporation ISL70244SEHVF Datasheet HTML 2Page - Intersil Corporation ISL70244SEHVF Datasheet HTML 3Page - Intersil Corporation ISL70244SEHVF Datasheet HTML 4Page - Intersil Corporation ISL70244SEHVF Datasheet HTML 5Page - Intersil Corporation ISL70244SEHVF Datasheet HTML 6Page - Intersil Corporation ISL70244SEHVF Datasheet HTML 7Page - Intersil Corporation ISL70244SEHVF Datasheet HTML 8Page - Intersil Corporation ISL70244SEHVF Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ISL70244SEH
3
FN8592.2
September 1, 2016
Submit Document Feedback
Ordering Information
ORDERING SMD NUMBER
(Note 2)
PART
NUMBER
(Note 1)
TEMP RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
5962F1324801VXC
ISL70244SEHVF
-55 to +125
10 Ld Flatpack
K10.A
5962F1324801V9A
ISL70244SEHVX
-55 to +125
Die
N/A
ISL70244SEHF/PROTO
-55 to +125
10 Ld Flatpack
K10.A
N/A
ISL70244SEHX/SAMPLE
-55 to +125
Die
N/A
ISL70244SEHEV1Z
Evaluation Board
NOTES:
1. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations.
2. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed must be
used when ordering.


Similar Part No. - ISL70244SEHVF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70244SEH RENESAS-ISL70244SEH Datasheet
1Mb / 25P
   19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Dec 2, 2020
More results

Similar Description - ISL70244SEHVF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70244SEH RENESAS-ISL70244SEH Datasheet
1Mb / 25P
   19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Dec 2, 2020
ISL70444SEH RENESAS-ISL70444SEH Datasheet
1Mb / 26P
   19MHz Radiation Hardened 40V Quad Rail-to-Rail Input - Output, Low-Power Operational Amplifiers
Apr 15, 2021
ISL71444M RENESAS-ISL71444M Datasheet
1Mb / 30P
   19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Nov.6.20
logo
Intersil Corporation
ISL70444SEH INTERSIL-ISL70444SEH Datasheet
1Mb / 23P
   19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Renesas Technology Corp
ISL70218SEH RENESAS-ISL70218SEH Datasheet
918Kb / 23P
   Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
logo
E-CMOS Corporation
EC5758 E-CMOS-EC5758 Datasheet
812Kb / 12P
   1MHz, Low Power, CMOS, EMI Hardened, Rail-to-Rail Dual Operational Amplifier
logo
Texas Instruments
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
[Old version datasheet]   OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com