Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70419SEHX Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL70419SEHX
Description  Radiation Hardened 36V Quad Precision Low Power Operational Amplifier With Enhanced SET Performance
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70419SEHX Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL70419SEHX Datasheet HTML 2Page - Intersil Corporation ISL70419SEHX Datasheet HTML 3Page - Intersil Corporation ISL70419SEHX Datasheet HTML 4Page - Intersil Corporation ISL70419SEHX Datasheet HTML 5Page - Intersil Corporation ISL70419SEHX Datasheet HTML 6Page - Intersil Corporation ISL70419SEHX Datasheet HTML 7Page - Intersil Corporation ISL70419SEHX Datasheet HTML 8Page - Intersil Corporation ISL70419SEHX Datasheet HTML 9Page - Intersil Corporation ISL70419SEHX Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ISL70419SEH
6
July 11, 2014
FN8653.0
Submit Document Feedback
Electrical Specifications VS ± 5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -55°C to +125°C; over a total ionizing dose of 300krad(Si) with exposure at a high dose rate of 50 - 300krad(Si)/s; or over a total
ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(
Note 5)
TYP
MAX
(Note 5)UNIT
VOS
Input Offset Voltage
10
150
µV
250
µV
TCVOS
Offset Voltage Drift
guaranteed by characterization not
tested
0.1
1
µV/
°C
IB
Input Bias Current
-2.5
0.08
2.5
nA
TA = -55°C to +125°C
-5
5
nA
over high and low dose radiation
-15
15
nA
TCIB
Input Bias Current Temperature
Coefficient
guaranteed by characterization not
tested
-5
1
5
pA/°C
IOS
Input Offset Current
-2.5
0.08
2.5
nA
TA = -55°C to +125°C
-3
3
nA
over high and low dose radiation
-10
10
nA
TCIOS
Input Offset Current Temperature
Coefficient
guaranteed by characterization not
tested
-3
0.42
3
pA/°C
VCM
Input Voltage Range
guaranteed by CMRR test
-3
3
V
CMRR
Common-Mode Rejection Ratio
VCM = -3V to +3V
120
145
dB
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.25V to ±5V
120
145
dB
120
dB
AVOL
Open-Loop Gain
VO = -3.0V to +3.0V
RL = 10k to ground
3,000
14,000
V/mV
VOH
Output Voltage High
RL = 10k to ground
3.5
3.7
V
3.2
V
RL = 2k to ground
3.3
3.55
V
3.0
V
VOL
Output Voltage Low
RL = 10k to ground
-3.7
-3.5
V
-3.2
V
RL = 2k to ground
-3.55
-3.3
V
-3.0
V
IS
Supply Current/Amplifier
0.44
0.625
mA
0.75
mA
ISC
Short-Circuit Current
43
mA
AC SPECIFICATIONS
GBWP
Gain Bandwidth Product
AV = 1k, RL = 2k
1.5
MHz
enp-p
Voltage Noise
0.1Hz to 10Hz
0.25
µVP-P
en
Voltage Noise Density
f = 10Hz
12
nV/
Hz
en
Voltage Noise Density
f = 100Hz
8.6
nV/
Hz
en
Voltage Noise Density
f = 1kHz
8
nV/
Hz
en
Voltage Noise Density
f = 10kHz
8
nV/
Hz
in
Current Noise Density
f = 1kHz
0.1
pA/
Hz


Similar Part No. - ISL70419SEHX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70419SEHX/SAMPLE RENESAS-ISL70419SEHX/SAMPLE Datasheet
1Mb / 23P
   Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
Nov 21, 2019
More results

Similar Description - ISL70419SEHX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70419SEH RENESAS-ISL70419SEH Datasheet
1Mb / 23P
   Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
Nov 21, 2019
ISL70219ASEH RENESAS-ISL70219ASEH Datasheet
6Mb / 25P
   40V Radiation Hardened and SET Enhanced, Precision Low-Power Operational Amplifier
Jun 11, 2018
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
logo
Intersil Corporation
HS-2700RH INTERSIL-HS-2700RH Datasheet
92Kb / 6P
   Low Power, High Performance Radiation Hardened Operational Amplifier
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com