Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70617SEH Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL70617SEH
Description  36V Radiation Tolerant Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70617SEH Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL70617SEH Datasheet HTML 5Page - Intersil Corporation ISL70617SEH Datasheet HTML 6Page - Intersil Corporation ISL70617SEH Datasheet HTML 7Page - Intersil Corporation ISL70617SEH Datasheet HTML 8Page - Intersil Corporation ISL70617SEH Datasheet HTML 9Page - Intersil Corporation ISL70617SEH Datasheet HTML 10Page - Intersil Corporation ISL70617SEH Datasheet HTML 11Page - Intersil Corporation ISL70617SEH Datasheet HTML 12Page - Intersil Corporation ISL70617SEH Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ISL70617SEH
9
FN8697.4
December 16, 2016
Submit Document Feedback
Typical Post Radiation Performance Curves V
CC = VCO = 18V, VEE = VEO = -18V, VCM = 0V, RL = Open,
unless otherwise specified. Error bars (if shown) are based on minimum and maximum data.
FIGURE 3. INPUT OFFSET VOLTAGE vs TOTAL DOSE
FIGURE 4. INPUT BIAS CURRENT IBIN+ vs TOTAL DOSE
FIGURE 5. INPUT BIAS CURRENT IBIN- vs TOTAL DOSE
FIGURE 6. INPUT OFFSET CURRENT vs TOTAL DOSE
FIGURE 7. CMRR (RTI), GAIN = 100 vs TOTAL DOSE
FIGURE 8. CMRR (RTI), GAIN = 1 vs TOTAL DOSE
-400
-300
-200
-100
0
100
200
300
400
025
50
75
TOTAL DOSE (krad(Si) AT 0.01rad(Si)/s)
VOSIN 18V, BIASED
VOSIN 18V, GROUNDED
SPEC LIMIT
SPEC LIMIT
ANNEAL
±18V SUPPLIES
-30
-20
-10
0
10
20
30
025
50
75
TOTAL DOSE (krad(Si) AT 0.01rad(Si)/s)
IBIN+ 18V, BIASED
IBIN+ 18V, GROUNDED
SPEC LIMIT
SPEC LIMIT
ANNEAL
±18V SUPPLIES
-30
-20
-10
0
10
20
30
025
50
75
TOTAL DOSE (krad(Si) AT 0.01rad(Si)/s)
IBIN- 18V, BIASED
IBIN- 18V, GROUNDED
SPEC LIMIT
SPEC LIMIT
ANNEAL
±18V SUPPLIES
-25
-20
-15
-10
-5
0
5
10
15
20
25
025
50
75
TOTAL DOSE (krad(Si) AT 0.01rad(Si)/s)
IOSIN 18V , BIASED
IOSIN 18V, GROUNDED
SPEC LIMIT
SPEC LIMIT
ANNEAL
±18V SUPPLIES
-200
-180
-160
-140
-120
-100
025
50
75
TOTAL DOSE (krad(Si) AT 0.01rad(Si)/s)
CMRR 15V, BIASED
CMRR 15V, GROUNDED
SPEC LIMIT
ANNEAL
±15V SUPPLIES
GAIN = 100
-180
-160
-140
-120
-100
-80
025
50
75
TOTAL DOSE (krad(Si) AT 0.01rad(Si)/s)
ANNEAL
±15V SUPPLIES
GAIN = 1
CMRR 15V, BIASED
CMRR 15V, GROUNDED
SPEC LIMIT


Similar Part No. - ISL70617SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70617SEH RENESAS-ISL70617SEH Datasheet
1Mb / 30P
   36V Radiation Hardened Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Jul 8, 2022
ISL70617SEHEV1Z RENESAS-ISL70617SEHEV1Z Datasheet
1Mb / 30P
   36V Radiation Hardened Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Jul 8, 2022
ISL70617SEHF/PROTO RENESAS-ISL70617SEHF/PROTO Datasheet
1Mb / 30P
   36V Radiation Hardened Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Jul 8, 2022
logo
Intersil Corporation
ISL70617SEHVF INTERSIL-ISL70617SEHVF Datasheet
1Mb / 27P
   36V Radiation Tolerant Precision Instrumentation Amplifier with Rail-to-Rail Output ADC Driver
December 15, 2016
logo
Renesas Technology Corp
ISL70617SEHVF RENESAS-ISL70617SEHVF Datasheet
1Mb / 29P
   36V Radiation Hardened Precision Instrumentation Amplifier with Rail-to-Rail Output ADC Driver
Jan 28, 2021
More results

Similar Description - ISL70617SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70617SEH RENESAS-ISL70617SEH Datasheet
1Mb / 30P
   36V Radiation Hardened Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Jul 8, 2022
logo
Intersil Corporation
ISL70517SEH INTERSIL-ISL70517SEH Datasheet
1Mb / 27P
   36V Radiation Tolerant Precision Instrumentation Amplifier with Rail-to-Rail Output ADC Driver
December 15, 2016
logo
Renesas Technology Corp
ISL70517SEH RENESAS-ISL70517SEH Datasheet
1Mb / 29P
   36V Radiation Hardened Precision Instrumentation Amplifier with Rail-to-Rail Output ADC Driver
Jan 28, 2021
logo
Texas Instruments
LMH5485-SEP TI1-LMH5485-SEP_V01 Datasheet
1Mb / 31P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant, Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
REVISED NOVEMBER 2022
LMH5485-SEP TI-LMH5485-SEP Datasheet
1Mb / 35P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com