Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70617SEHF Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL70617SEHF
Description  36V Radiation Tolerant Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70617SEHF Datasheet(HTML) 5 Page - Intersil Corporation

  ISL70617SEHF Datasheet HTML 1Page - Intersil Corporation ISL70617SEHF Datasheet HTML 2Page - Intersil Corporation ISL70617SEHF Datasheet HTML 3Page - Intersil Corporation ISL70617SEHF Datasheet HTML 4Page - Intersil Corporation ISL70617SEHF Datasheet HTML 5Page - Intersil Corporation ISL70617SEHF Datasheet HTML 6Page - Intersil Corporation ISL70617SEHF Datasheet HTML 7Page - Intersil Corporation ISL70617SEHF Datasheet HTML 8Page - Intersil Corporation ISL70617SEHF Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ISL70617SEH
5
FN8697.4
December 16, 2016
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage (VCC to VEE or GND) . . . . . . . . . . . . . . . . . . . . 42V
Maximum Supply Voltage (VCO to VEO or GND) . . . . . . . . . . . . . . . . . . . . 42V
Maximum Voltage (VCO to VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . .+0.5V, -40V
Maximum Voltage (VEO to V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V,+40V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . ±10mA
Max/Min Input Current for Input Voltage >VCC or <VEE . . . . . . . . . . ±10mA
Maximum Input Current (±RIN, ±RFB, ±RINSENSE, ±RFBSENSE) . . . ±5mA
Maximum Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . .(VEE - 0.5V) to (VCC +0.5V)
Output Short-Circuit Duration (1 Output at a Time) . . . . . . . . . . Continuous
ESD Rating
Human Body Model (Tested per MIL-STD-883 TM 3015) . . . . . . . . . 6kV
Machine Model (Tested per JESD22-A115-C) . . . . . . . . . . . . . . . . . . 250V
Charged Device Model (Tested per JS-002-2014) . . . . . . . . . . . . . . . 1kV
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
24 Ld CFP (Notes 3, 4). . . . . . . . . . . . . . . . .
60
7
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (TJMAX). . . . . . . . . . . . . . . . . . . . . .+150°C
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-55°C to +125°C
VCC, VEE Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . . .±4V to ±18V
VCO, VEO Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . ±1.5V to ±18V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4. For
JC, the “case temp” location is the center of the ceramic on the package underside.
Electrical Specifications V
CC = VCO = 18V, VEE = VEO = -18V, VCM = 0V, RL = 10kΩ, RFB = RIN = 30.1kΩ, TA = +25°C, unless otherwise
specified. Boldface limits apply across the operating temperature range, -55°C to +125°C and across a total ionizing dose of 75krad(Si) at +25°C with
exposure at a low dose rate of <10mrad(Si)/s, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 5)TYP
MAX
(Note 5)UNIT
INPUT DC SPECIFICATIONS
VCMIRIN
IN+, IN- Common-Mode Input Voltage Range
Verified via CMRR
VEE + 3V
VCC - 3V
V
VOSIN
Input Offset Voltage
(Notes 10, 11)
-100
±30
100
µV
-300
300
µV
TCVOSIN
Input Offset Voltage Temperature Coefficient
-4.0
±0.3
4.0
µV/°C
IBIN
Input Bias Current
(Note 12)
-2.0
±0.2
2.0
nA
-25
25
nA
IOSIN
Input Offset Current
(Note 12)
-1.5
±0.2
1.5
nA
-18.5
18.5
nA
IRIN
Input Resistor Drive Current
(Current through RIN resistor)
(Note 9)
87
102
117
µA
RINCM
Common-Mode Input Resistance
(Note 9)80
CMRR
Common-Mode Rejection Ratio
VCC = VCO = 15V, VEE = VEO = -15V
Reference Figures 38 and 39
VEE +3V ≤ VCM ≤ VCC -3V
G = 1
(Note 15)
110
120
dB
97
dB
VEE +3V ≤ VCM ≤ VCC -3V
G = 100
(Note 15)
120
150
dB
120
dB
FEEDBACK DC SPECIFICATIONS
VCMIRFB
+FB, -FB Common-Mode Input Voltage Range Verified via CMRR
VEE + 3V
VCC - 3V
V
VOSFB
Feedback Input Offset Voltage
(Notes 10, 11) +25°C
-1600
±400
1600
µV
(Notes 10, 11) -55°C to +125°C
-3000
3000
µV
(Notes 10, 11) +25°C post 75krad
-6000
6000
µV
TCVOSFB
Feedback Input Voltage Temperature
Coefficient
15.0
±2.6
15.0
µV/°C


Similar Part No. - ISL70617SEHF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70617SEHF/PROTO RENESAS-ISL70617SEHF/PROTO Datasheet
1Mb / 30P
   36V Radiation Hardened Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Jul 8, 2022
More results

Similar Description - ISL70617SEHF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70617SEH RENESAS-ISL70617SEH Datasheet
1Mb / 30P
   36V Radiation Hardened Precision Instrumentation Amp with Rail-to-Rail Output Differential ADC Driver
Jul 8, 2022
logo
Intersil Corporation
ISL70517SEH INTERSIL-ISL70517SEH Datasheet
1Mb / 27P
   36V Radiation Tolerant Precision Instrumentation Amplifier with Rail-to-Rail Output ADC Driver
December 15, 2016
logo
Renesas Technology Corp
ISL70517SEH RENESAS-ISL70517SEH Datasheet
1Mb / 29P
   36V Radiation Hardened Precision Instrumentation Amplifier with Rail-to-Rail Output ADC Driver
Jan 28, 2021
logo
Texas Instruments
LMH5485-SEP TI1-LMH5485-SEP_V01 Datasheet
1Mb / 31P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant, Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
REVISED NOVEMBER 2022
LMH5485-SEP TI-LMH5485-SEP Datasheet
1Mb / 35P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
AD8139 AD-AD8139 Datasheet
720Kb / 24P
   Low Noise Rail-to-Rail Differential ADC Driver
REV. A
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
   Low Noise, Rail-to-Rail, Differential ADC Driver
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
   Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com