Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71090SEHF50 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL71090SEHF50
Description  Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL71090SEHF50 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL71090SEHF50 Datasheet HTML 5Page - Intersil Corporation ISL71090SEHF50 Datasheet HTML 6Page - Intersil Corporation ISL71090SEHF50 Datasheet HTML 7Page - Intersil Corporation ISL71090SEHF50 Datasheet HTML 8Page - Intersil Corporation ISL71090SEHF50 Datasheet HTML 9Page - Intersil Corporation ISL71090SEHF50 Datasheet HTML 10Page - Intersil Corporation ISL71090SEHF50 Datasheet HTML 11Page - Intersil Corporation ISL71090SEHF50 Datasheet HTML 12Page - Intersil Corporation ISL71090SEHF50 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ISL71090SEH50
10
FN8588.3
March 15, 2016
Submit Document Feedback
Package Characteristics
Weight of Packaged Device
0. 31 Grams (typical)
Lid Characteristics
Finish: Gold
Potential: Connected to lead #4 (GND)
Case Isolation to Any Lead: 20 x 109 Ω (minimum)
Die Characteristics
Die Dimensions
1464µm x 1744µm (58 mils x 69 mils)
Thickness: 483µm ±25µm (19 mils ±1 mil)
Interface Materials
GLASSIVATION
Type: Nitrox
Thickness: 15kÅ
TOP METALLIZATION
Type: AlCu (99.5%/0.5%)
Thickness: 30kÅ
BACKSIDE FINISH
Silicon
ASSEMBLY RELATED INFORMATION
SUBSTRATE POTENTIAL
Floating
ADDITIONAL INFORMATION
WORST CASE CURRENT DENSITY
<2 x 105 A/cm2
PROCESS
Dielectrically Isolated Advanced Bipolar Technology- PR40 SOI
Metallization Mask Layout
GND
GND
POWR
QUIET
COMP
VS
DNC
DNC
DNC
VOUT
SENSE
VOUT
FORCE
TRIM
(see Note 12, Table 4)


Similar Part No. - ISL71090SEHF50

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71090SEHF50/PROTO RENESAS-ISL71090SEHF50/PROTO Datasheet
495Kb / 14P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
More results

Similar Description - ISL71090SEHF50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL71090SEH12 INTERSIL-ISL71090SEH12 Datasheet
408Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH25 INTERSIL-ISL71090SEH25 Datasheet
388Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL71090SEH50 RENESAS-ISL71090SEH50 Datasheet
495Kb / 14P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
ISL71091SEH10 RENESAS-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Intersil Corporation
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
   2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71090SEH12 RENESAS-ISL71090SEH12 Datasheet
588Kb / 14P
   1.25V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
logo
Intersil Corporation
ISL71091SEH33 INTERSIL-ISL71091SEH33 Datasheet
1Mb / 16P
   3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
ISL71091SEH10 INTERSIL-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71090SEH25 RENESAS-ISL71090SEH25 Datasheet
498Kb / 14P
   2.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
ISL71091SEH40 RENESAS-ISL71091SEH40 Datasheet
1Mb / 16P
   4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com