Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97691IRTZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL97691IRTZ
Description  2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97691IRTZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL97691IRTZ Datasheet HTML 7Page - Intersil Corporation ISL97691IRTZ Datasheet HTML 8Page - Intersil Corporation ISL97691IRTZ Datasheet HTML 9Page - Intersil Corporation ISL97691IRTZ Datasheet HTML 10Page - Intersil Corporation ISL97691IRTZ Datasheet HTML 11Page - Intersil Corporation ISL97691IRTZ Datasheet HTML 12Page - Intersil Corporation ISL97691IRTZ Datasheet HTML 13Page - Intersil Corporation ISL97691IRTZ Datasheet HTML 14Page - Intersil Corporation ISL97691IRTZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ISL97691
11
FN7840.1
February 1, 2013
Theory of Operation
PWM Boost Converter
The current mode PWM boost converter produces the minimal
voltage needed to enable the LED stack with the highest forward
voltage drop to run at the programmed current. The ISL97691
employs current mode control boost architecture that has a fast
current sense loop and a slow voltage feedback loop. This
architecture achieves the fast transient response which is
essential for portable product backlight applications where the
backlight must not flicker when the power source is changed
from a drained battery to an AC/DC adapter.
The number of LEDs that can be driven by the ISL97691 depends
on the type of LED chosen in the application. The maximum
output is 26V at 40mA from 2.7V input, or 21V at 60mA from
2.7V input with 30% dimming duty.
AutoShutdown
The ISL97691 simplifies the implementation of low power
shutdown by detecting that both PWM inputs 1-WIRE_1 and
1-WIRE_2 have been low for 120ms (typical). When this timeout
is detected on both 1-WIRE_1 and 1-WIRE_2, the boost converter
and LED string drivers are turned off while retaining the value of
the two internal 6-bit 1-Wire registers which store the analog
dimming values.
The 1-Wire interfaces may be written during shutdown mode
subject to the following constraints:
• Any interface (1-WIRE_1 or 1-WIRE_2) to be written during
shutdown should idle high between transmissions
• The first bit of every 6-bit 1-Wire transmission must be sent
with a tighter timing tolerance than normal (25µs minimum
for logic 1, 100µs minimum for logic 0). The extra 10µs allows
the ISL97691 to wakeup and measure the transmission.
It is recommended that applications requiring 1-Wire
transmissions during shutdown simply apply the constraints
described above to all transmissions.
Dimming Controls
The ISL97691 provides two groups, channels 1 and 2 as one
group and channels 3 and 4 as the other group, with
independent analog and PWM dimming.
The maximum LED current is set globally for all channels by RSET
in the range 15mA to 60mA per Equation 1:
Where:
RSET is resistor from ISET pin to GND (Ω)
ILEDmax is the peak current set by resistor RSET (A)
For example, if the maximum required LED current
(ILEDmax) is 60mA, then the RSET value needed is:
Choose nearest standard resistor: 17.8kΩ
, 0.1%
ANALOG DIMMING
The channel peak current for the two groups may be reduced
from the maximum LED current set by RSET by analog dimming
through two 6-bit DACs. The DACs are updated with simple
negative pulse duration and pulse counting 1-Wire interfaces.
Channels 1 and 2 are set through the 1-WIRE_1 pin, and
channels 3 and 4 are set through the 1-WIRE_2 pin. The two
1-Wire interfaces are independent of the two PWM inputs
PWMI_1 and PWMI_2, and any combination of these 4 inputs
may be active at the same time.
The 1-Wire interface provides 6-bit (64-level) analog dimming
resolution. The interface uses a normally high connection for use
with open-drain driving schemes and Intersil’s 1-Wire interface.
When held low for between 15µs and 45µs, the interface reads a
logic 1. When held low for between 90µs and 120µs the
interface reads a logic 0. When held low for greater that 215µs,
the interface loads the last 6 bits into the brightness control
register and updates the peak current. The required minimum
high time is 3µs.
The 1-Wire programming is summarized as follows:
• Logic 0 = Negative pulse >90µs and <120µs
• Logic 1 = Negative pulse >15µs and <45µs
• Load = Negative pulse >215µs
Figure 18 shows an example of transmitting and loading the
value b’100101’.
The serial interface defaults to b’111111’ (63) on power-up. The
maximum LED current ILEDmax set by resistor RSET for each of
the two channel groups 1 and 2 is digitally adjusted by each
channel’s brightness control register per Equation 3:
Where:
N is the integer value 1 to 63 in the channel groups’ brightness
control register
ILEDmax is the peak current set by resistor RSET (A)
I
LEDmax
1066
R
SET
---------------
=
(EQ. 1)
R
SET
1066 0.06
17.8k
Ω
==
(EQ. 2)
+
-
+
-
PWM SIGNAL
REF
+
-
1-WIRE DATA
6-BIT DAC
FIGURE 18.
I
LED
I
LEDmax
N
63
------
×
=
(EQ. 3)


Similar Part No. - ISL97691IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97691IRTZ INTERSIL-ISL97691IRTZ Datasheet
944Kb / 19P
   2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
February 1, 2013
logo
Renesas Technology Corp
ISL97691IRTZ RENESAS-ISL97691IRTZ Datasheet
1Mb / 19P
   2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
logo
Intersil Corporation
ISL97691IRTZ-EVALZ INTERSIL-ISL97691IRTZ-EVALZ Datasheet
944Kb / 19P
   2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
February 1, 2013
logo
Renesas Technology Corp
ISL97691IRTZ-EVALZ RENESAS-ISL97691IRTZ-EVALZ Datasheet
1Mb / 19P
   2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
More results

Similar Description - ISL97691IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97691 RENESAS-ISL97691 Datasheet
1Mb / 19P
   2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
logo
Intersil Corporation
ISL97691IRTZ INTERSIL-ISL97691IRTZ Datasheet
944Kb / 19P
   2.4V LED Driver with Independent Analog and PWM Dimming Controls of 2 Backlights for 3D Application
February 1, 2013
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Maxim Integrated Produc...
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
   Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16831 MAXIM-MAX16831_09 Datasheet
249Kb / 19P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
logo
Diodes Incorporated
AL1794EV1 DIODES-AL1794EV1 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
AL1791 DIODES-AL1791 Datasheet
948Kb / 18P
   Analog and PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com