Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A5701 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # Q65111A5701
Description  SOLERIQ S13
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A5701 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button Q65111A5701 Datasheet HTML 2Page - OSRAM GmbH Q65111A5701 Datasheet HTML 3Page - OSRAM GmbH Q65111A5701 Datasheet HTML 4Page - OSRAM GmbH Q65111A5701 Datasheet HTML 5Page - OSRAM GmbH Q65111A5701 Datasheet HTML 6Page - OSRAM GmbH Q65111A5701 Datasheet HTML 7Page - OSRAM GmbH Q65111A5701 Datasheet HTML 8Page - OSRAM GmbH Q65111A5701 Datasheet HTML 9Page - OSRAM GmbH Q65111A5701 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
2014-12-30
6
Version 1.1
GW KAGHB1.CM
Color Chromaticity Groups 7) page 17 , 6) page 17
Farbortgruppen
7) Seite 17 , 6) Seite 17
Chromaticity Coordinate Groups 7) page 17 , 6) page 17
Farbortgruppen 7) Seite 17 , 6) Seite 17
extrapolated to TJ = 85 °C
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
27H3
0.4505
0.4027
40H3
0.3765
0.3719
0.4572
0.4158
0.3789
0.3825
0.4583
0.4045
0.3847
0.3768
0.4662
0.4179
0.3885
0.3885
30H3
0.4270
0.3953
0.4324
0.4078
0.4351
0.3981
0.4418
0.4112
65
00
K
57
00
K
50
00
K
45
00
K
40
00
K
350
0K
3000
K
2700
K
27H3
30H3
40H3
50H3
57H3
65H3
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.460
0.480
0.500
Cy
Cx
Coordinates in reference to CIE 1931 (cx cy)


Similar Part No. - Q65111A5701

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A5771 OSRAM-Q65111A5771 Datasheet
408Kb / 9P
   Green Laser Diode in TO56 Package
More results

Similar Description - Q65111A5701

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAJRB2.EM OSRAM-GWKAJRB2.EM Datasheet
1Mb / 17P
   SOLERIQ E 30
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
   SOLERIQ L 38
GWKALRB3.EM OSRAM-GWKALRB3.EM Datasheet
1Mb / 17P
   SOLERIQ E 45
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
   SOLERIQ L 38
logo
ams AG
GWKAFJB6.EM AMSCO-GWKAFJB6.EM Datasheet
1Mb / 21P
   The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
Version 1.4 2023-07-11
GWKAFHB6.CM AMSCO-GWKAFHB6.CM Datasheet
1Mb / 20P
   The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
Version 1.4 2023-07-11
GWKANJB6.CM AMSCO-GWKANJB6.CM Datasheet
1Mb / 20P
   The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
Version 1.3 2023-04-11
GWCAGJL1.HM AMSCO-GWCAGJL1.HM Datasheet
1Mb / 18P
   The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
Version 1.1 2023-04-12
GWT3LWF1.EM AMSCO-GWT3LWF1.EM Datasheet
1Mb / 16P
   The SOLERIQ® L 38 combines high efficacy and a wide beam angle into small footprint ( 32.0mm x 2.2mm), which is ideal choice for all 360° bulb and candle light application.
Version 1.0 2020-08-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com