Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A7444 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # Q65111A7444
Description  Indoor General Lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A7444 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button Q65111A7444 Datasheet HTML 6Page - OSRAM GmbH Q65111A7444 Datasheet HTML 7Page - OSRAM GmbH Q65111A7444 Datasheet HTML 8Page - OSRAM GmbH Q65111A7444 Datasheet HTML 9Page - OSRAM GmbH Q65111A7444 Datasheet HTML 10Page - OSRAM GmbH Q65111A7444 Datasheet HTML 11Page - OSRAM GmbH Q65111A7444 Datasheet HTML 12Page - OSRAM GmbH Q65111A7444 Datasheet HTML 13Page - OSRAM GmbH Q65111A7444 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2015-04-10
10
Version 1.2
GW KAHJB1.CM
Relative Forward Voltage 6) page 18
Relative Vorwärtsspannung 6) Seite 18
ΔVF = VF - VF(85 °C) = f(Tj); IF = 500 mA
Relative Luminous Flux 6) page 18
Relativer Lichtstrom 6) Seite 18
ΦVV(85 °C) = f(Tj); IF = 500 mA
Chromaticity Coordinate Shift 6) page 18
Farbortverschiebung 6) Seite 18
Cx, Cy = f(Tj); IF = 500 mA
GW KAHJB1.EM
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-1
0
1
2
3
4
∆V
F [V]
GW KAHJB1.CM
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Φ
v
Φ
v(85°C)
GW KAHJB1.CM
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,39
0,40
0,41
0,42
0,43
0,44
Cx
Cy
: Cx - White
: Cy - White


Similar Part No. - Q65111A7444

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A7440 OSRAM-Q65111A7440 Datasheet
611Kb / 19P
   Indoor General Lighting
Q65111A7441 OSRAM-Q65111A7441 Datasheet
611Kb / 19P
   Indoor General Lighting
Q65111A7442 OSRAM-Q65111A7442 Datasheet
611Kb / 19P
   Indoor General Lighting
Q65111A7447 OSRAM-Q65111A7447 Datasheet
617Kb / 19P
   Indoor General Lighting
Q65111A7448 OSRAM-Q65111A7448 Datasheet
617Kb / 19P
   Indoor General Lighting
More results

Similar Description - Q65111A7444

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
   Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
   Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWKAGHB1.EM OSRAM-GWKAGHB1.EM Datasheet
704Kb / 18P
   Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
   Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
   Indoor General Lighting
GWPSLR31.PM OSRAM-GWPSLR31.PM Datasheet
1Mb / 24P
   Indoor General Lighting
GWKAGLB3.DM OSRAM-GWKAGLB3.DM Datasheet
822Kb / 17P
   Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com