Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A7445 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # Q65111A7445
Description  Indoor General Lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A7445 Datasheet(HTML) 5 Page - OSRAM GmbH

  Q65111A7445 Datasheet HTML 1Page - OSRAM GmbH Q65111A7445 Datasheet HTML 2Page - OSRAM GmbH Q65111A7445 Datasheet HTML 3Page - OSRAM GmbH Q65111A7445 Datasheet HTML 4Page - OSRAM GmbH Q65111A7445 Datasheet HTML 5Page - OSRAM GmbH Q65111A7445 Datasheet HTML 6Page - OSRAM GmbH Q65111A7445 Datasheet HTML 7Page - OSRAM GmbH Q65111A7445 Datasheet HTML 8Page - OSRAM GmbH Q65111A7445 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Version 1.2
GW KAHJB1.CM
2015-04-10
5
Brightness Groups
Helligkeitsgruppen
Group
Luminous Flux
1) page 17
Luminous Flux
1) page 17
Luminous Flux
4) page 17
Luminous Flux
4) page 17
Gruppe
Lichtstrom
1) Seite 17
Lichtstrom
1) Seite 17
Lichtstrom
4) Seite 17
Lichtstrom
4) Seite 17
T
S = 85 °C
T
S = 85 °C
T
S = 25 °C
T
S = 25 °C
(min.) ΦV [lm]
(max.) ΦV [lm]
(extrapolated min.)
Φ
V [lm]
(extrapolated max.)
Φ
V [lm]
SQ
1940
2100
2170
2350
SR
2100
2240
2350
2510
SS
2240
2400
2510
2690
ST
2400
2590
2690
2900
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group
or a grouping of all individual brightness groups of only a few brightness groups. Individual brightness
groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.


Similar Part No. - Q65111A7445

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A7440 OSRAM-Q65111A7440 Datasheet
611Kb / 19P
   Indoor General Lighting
Q65111A7441 OSRAM-Q65111A7441 Datasheet
611Kb / 19P
   Indoor General Lighting
Q65111A7442 OSRAM-Q65111A7442 Datasheet
611Kb / 19P
   Indoor General Lighting
Q65111A7447 OSRAM-Q65111A7447 Datasheet
617Kb / 19P
   Indoor General Lighting
Q65111A7448 OSRAM-Q65111A7448 Datasheet
617Kb / 19P
   Indoor General Lighting
More results

Similar Description - Q65111A7445

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
   Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
   Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWKAGHB1.EM OSRAM-GWKAGHB1.EM Datasheet
704Kb / 18P
   Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
   Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
   Indoor General Lighting
GWPSLR31.PM OSRAM-GWPSLR31.PM Datasheet
1Mb / 24P
   Indoor General Lighting
GWKAGLB3.DM OSRAM-GWKAGLB3.DM Datasheet
822Kb / 17P
   Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com