Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A7441 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # Q65111A7441
Description  Indoor General Lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A7441 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button Q65111A7441 Datasheet HTML 2Page - OSRAM GmbH Q65111A7441 Datasheet HTML 3Page - OSRAM GmbH Q65111A7441 Datasheet HTML 4Page - OSRAM GmbH Q65111A7441 Datasheet HTML 5Page - OSRAM GmbH Q65111A7441 Datasheet HTML 6Page - OSRAM GmbH Q65111A7441 Datasheet HTML 7Page - OSRAM GmbH Q65111A7441 Datasheet HTML 8Page - OSRAM GmbH Q65111A7441 Datasheet HTML 9Page - OSRAM GmbH Q65111A7441 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
2015-01-21
6
Version 1.1
GW KAHJB1.EM
Color Chromaticity Groups 5) page 17
Farbortgruppen 5) Seite 17
Chromaticity Coordinate Groups 5) page 17
Farbortgruppen 5) Seite 17
Group
Cx
Cy
a
b
Θ
40S3
0.3823
0.3790
0.0094
0.0040
53
35S3
0.4077
0.3908
0.0093
0.0041
53
30S3
0.4339
0.4020
0.0085
0.0041
53
27S3
0.4578
0.4092
0.0079
0.0041
54
Note:
Cx and Cy are the center coordinates of the ellipse, a the length of the major axis, b the length of the minor axis and Θ the angle of the major axis as
defined in IEC 60081.
Cx und Cy sind die Mittelpunktkoordinaten der Ellipse, a die Länge der Hauptachse, b die Länge der Nebenachse und Θ der Winkel der Hauptachse
wie in IEC 60081 definiert.
2700K
300
0K
350
0K
400
0K
4500
K
50
00K
57
00K
65
00
K
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.460
0.480
0.500
Cy
Cx
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
27S3
30S3
35S3
40S3
45S3
50S3
57S3
65S3


Similar Part No. - Q65111A7441

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A7443 OSRAM-Q65111A7443 Datasheet
768Kb / 19P
   Indoor General Lighting
Q65111A7444 OSRAM-Q65111A7444 Datasheet
768Kb / 19P
   Indoor General Lighting
Q65111A7445 OSRAM-Q65111A7445 Datasheet
768Kb / 19P
   Indoor General Lighting
Q65111A7446 OSRAM-Q65111A7446 Datasheet
768Kb / 19P
   Indoor General Lighting
Q65111A7447 OSRAM-Q65111A7447 Datasheet
617Kb / 19P
   Indoor General Lighting
More results

Similar Description - Q65111A7441

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
   Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
   Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWKAGHB1.EM OSRAM-GWKAGHB1.EM Datasheet
704Kb / 18P
   Indoor General Lighting
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
   Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
   Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
   Indoor General Lighting
GWPSLR31.PM OSRAM-GWPSLR31.PM Datasheet
1Mb / 24P
   Indoor General Lighting
GWKAGLB3.DM OSRAM-GWKAGLB3.DM Datasheet
822Kb / 17P
   Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com