Electronic Components Datasheet Search |
|
ISL3156E Datasheet(PDF) 3 Page - Intersil Corporation |
|
ISL3156E Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 22 page 3 FN6363.2 July 30, 2009 Pin Descriptions PIN FUNCTION RO Receiver output: If A-B ≥ -50mV, RO is high; If A-B ≤ -200mV, RO is low; RO = High if A and B are unconnected (floating) or shorted. RE Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high. DE Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high. They are high impedance when DE is low. DI Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and output Z low. GND Ground connection. A/Y ±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, non-inverting receiver input and non inverting driver output. Pin is an input if DE = 0; pin is an output if DE = 1. B/Z ±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, inverting receiver input and inverting driver output. Pin is an input if DE = 0; pin is an output if DE = 1. A ±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, non-inverting receiver input. B ±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, inverting receiver input. Y ±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, non-inverting driver output. Z ±16.5kV IEC61000 ESD Protected RS-485/RS-422 level, inverting driver output. VCC System power supply input (4.5V to 5.5V). NC No Connection. Truth Tables TRANSMITTING INPUTS OUTPUTS RE DE DI Z Y X 1 101 X 1 010 0 0 X High-Z High-Z 10 X High-Z* High-Z* NOTE: *Shutdown Mode (See Note 11). RECEIVING INPUTS OUTPUT RE DE Half Duplex DE Full Duplex A-B RO 00 X ≥ -0.05V 1 00 X ≤ -0.2V 0 0 0 X Inputs Open/Shorted 1 10 0 X High-Z* 11 1 X High-Z NOTE: *Shutdown Mode (See Note 11). ISL3150E, ISL3152E, ISL3153E, ISL3155E, ISL3156E, ISL3158E |
Similar Part No. - ISL3156E |
|
Similar Description - ISL3156E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |