Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3284E Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL3284E
Description  ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3284E Datasheet(HTML) 1 Page - Intersil Corporation

  ISL3284E Datasheet HTML 1Page - Intersil Corporation ISL3284E Datasheet HTML 2Page - Intersil Corporation ISL3284E Datasheet HTML 3Page - Intersil Corporation ISL3284E Datasheet HTML 4Page - Intersil Corporation ISL3284E Datasheet HTML 5Page - Intersil Corporation ISL3284E Datasheet HTML 6Page - Intersil Corporation ISL3284E Datasheet HTML 7Page - Intersil Corporation ISL3284E Datasheet HTML 8Page - Intersil Corporation ISL3284E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
DATASHEET
±16.5kV ESD Protected, +125°C, 3.0V to 5.5V,
SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low
Power, RS-485/RS-422 Receivers
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E
The Intersil ISL3280E, ISL3281E, ISL3282E, ISL3283E,
ISL3284E, ISL3285E are ±16.5kV IEC61000 ESD Protected,
3.0V to 5.5V powered, single receivers that meet both the
RS-485 and RS-422 standards for balanced communication.
These receivers have very low bus currents (+125µA/-100µA),
so they present a true “1/8 unit load” to the RS-485 bus. This
allows up to 256 receivers on the network without violating the
RS-485 specification’s 32 unit load maximum and without using
repeaters.
Receiver inputs feature a “Full Fail-Safe” design, which ensures
a logic high Rx output if Rx inputs are floating, shorted, or
terminated but undriven.
The ISL3280E and ISL3284E feature an always enabled Rx;
the ISL3281E and ISL3285E feature an active high Rx enable
pin and the ISL3282E and ISL3283E include an active low
enable pin. All versions are offered in Industrial and Extended
Industrial (-40°C to +125°C) temperature ranges.
A 26% smaller footprint is available with the ISL3282E and
ISL3285E TDFN package. These devices, plus the ISL3284E,
also feature a logic supply pin (VL) that sets the VOH level of
the RO output (and the switching points of the RE/RE input) to
be compatible with another supply voltage in mixed voltage
systems.
For companion single RS-485 transmitters in micro packages,
please see the ISL3293E datasheet.
Features
• IEC61000 ESD protection on RS-485 inputs . . . . . . . ±16.5kV
- Class 3 ESD level on all other pins. . . . . . . . . . . .>5kV HBM
• Pb-free (RoHS compliant)
• Wide supply range . . . . . . . . . . . . . . . . . . . . . . . . . 3.0V to 5.5V
• Specified for +125°C operation
• Logic supply pin (VL) eases operation in mixed supply
systems (ISL3282E, ISL3284E, ISL3285E only)
• Full fail-safe (open, short, terminated/undriven)
• True 1/8 unit load allows up to 256 devices on the bus
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . up to 20Mbps
• Low quiescent supply current. . . . . . . . . . . . . . . 500µA (max)
- Very low shutdown supply current . . . . . . . . . . 20µA (max)
• -7V to +12V common mode input voltage range
• Tri-statable Rx available (active low or high EN input)
• 5V tolerant logic inputs when VCC ≤ 5V
Applications
• Clock distribution
• High node count systems
• Space constrained systems
•Security camera networks
• Building environmental control/lighting systems
• Industrial/process control networks
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
FUNCTION
DATA RATE
(Mbps)
# DEVICES
ON BUS
RX
ENABLE?
VL PIN?
QUIESCENT ICC
(µA)
LOW POWER
SHUTDOWN?
LEAD
COUNT
ISL3280E
1 Rx
20
256
NO
NO
350
NO
5-SOT
ISL3281E
1 Rx
20
256
ACTIVE HIGH
NO
350
YES
6-SOT
ISL3282E
1 Rx
20
256
ACTIVE LOW
YES
350
YES
8-TDFN
ISL3283E
1 Rx
20
256
ACTIVE LOW
NO
350
YES
6-SOT
ISL3284E
1 Rx
20
256
NO
YES
350
NO
6-SOT
ISL3285E
(No longer available or supported)
1 Rx
20
256
ACTIVE HIGH
YES
350
YES
8-TDFN
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2007, 2014, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
July 27, 2015
FN6543.4


Similar Part No. - ISL3284E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3284E INTERSIL-ISL3284E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3284E RENESAS-ISL3284E Datasheet
944Kb / 16P
   Clock distribution
logo
Integrated Device Techn...
ISL3284EFHZ-T IDT-ISL3284EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3284EFHZ-T RENESAS-ISL3284EFHZ-T Datasheet
944Kb / 16P
   Clock distribution
logo
Integrated Device Techn...
ISL3284EIHZ-T IDT-ISL3284EIHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results

Similar Description - ISL3284E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com