Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A7908 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # Q65111A7908
Description  Indoor General Lighting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A7908 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button Q65111A7908 Datasheet HTML 7Page - OSRAM GmbH Q65111A7908 Datasheet HTML 8Page - OSRAM GmbH Q65111A7908 Datasheet HTML 9Page - OSRAM GmbH Q65111A7908 Datasheet HTML 10Page - OSRAM GmbH Q65111A7908 Datasheet HTML 11Page - OSRAM GmbH Q65111A7908 Datasheet HTML 12Page - OSRAM GmbH Q65111A7908 Datasheet HTML 13Page - OSRAM GmbH Q65111A7908 Datasheet HTML 14Page - OSRAM GmbH Q65111A7908 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Version 1.2
GW KAHNB1.CM
2015-04-10
11
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
GW KAHNB1.CM
0
20
40
60
80
100
120
T [°C]
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
IF [A]
Do not use below 210 mA
: Ts


Similar Part No. - Q65111A7908

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A7914 OSRAM-Q65111A7914 Datasheet
768Kb / 19P
   Indoor General Lighting
Q65111A7915 OSRAM-Q65111A7915 Datasheet
768Kb / 19P
   Indoor General Lighting
Q65111A7916 OSRAM-Q65111A7916 Datasheet
768Kb / 19P
   Indoor General Lighting
More results

Similar Description - Q65111A7908

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
   Indoor General Lighting
GWJBLMS2.EM OSRAM-GWJBLMS2.EM Datasheet
1Mb / 24P
   Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
   Indoor General Lighting
GWKAGHB1.EM OSRAM-GWKAGHB1.EM Datasheet
704Kb / 18P
   Indoor General Lighting
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
   Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
   Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
   Indoor General Lighting
GWPSLR31.PM OSRAM-GWPSLR31.PM Datasheet
1Mb / 24P
   Indoor General Lighting
GWKAGLB3.DM OSRAM-GWKAGLB3.DM Datasheet
822Kb / 17P
   Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com