Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C399111J Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C399111J
Description  3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C399111J Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C399111J Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C39911
3.3V High Speed LVTTL or Balanced Output
Programmable Skew Clock Buffer - SuperClock
6
PS8497E
09/13/02
tREF
tRPWH
tODCV
tSKEWPR
tSKEW0, 1
tSKEW3,4
tSKEW3,4
tSKEW3,4
tSKEW2,4
tSKEW1,3,4
tSKEWPR
tSKEW0, 1
tPD
tODCV
tRPWL
tJR
REF
FB
Q
Other Q
Inverted Q
REF Divided by 2
REF Divided by 4
tSKEW2
tSKEW2
ACTimingDiagrams
AC Test Loads and Waveforms
VCC
≤1ns
≤1ns
3.0V
2.0V
Vth =1.5V
0.8V
0V
R1
R1=100
R2=100
CL=30pF (Includes fixture and probe capacitance)
R2
CL
TTL Input Test Waveform
TTL AC Test Load


Similar Part No. - PI6C399111J

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
PI6C3991-2J PERICOM-PI6C3991-2J Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
PI6C3991-5IJ PERICOM-PI6C3991-5IJ Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
PI6C3991-5J PERICOM-PI6C3991-5J Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
PI6C3991-IJ PERICOM-PI6C3991-IJ Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
More results

Similar Description - PI6C399111J

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
logo
Exar Corporation
XRK49911 EXAR-XRK49911 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7C9925 CYPRESS-CY7C9925 Datasheet
277Kb / 12P
   3.3V/2.5V Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com