Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD2510-05H Datasheet(PDF) 2 Page - ORION FANS

Part # OD2510-05H
Description  DC Fan - 5V, 12V 25 x 10mm (1.0 x .39in)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD2510-05H Datasheet(HTML) 2 Page - ORION FANS

  OD2510-05H Datasheet HTML 1Page - ORION FANS OD2510-05H Datasheet HTML 2Page - ORION FANS OD2510-05H Datasheet HTML 3Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RoHS Compliant
1
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
RoHS Compliant
1
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD2510 Series
DC Fan - 5, 12V
25 x 10mm (1.0” x 0.39”)
Frame & Impeller
PBT, UL94V-0 plastic
AvailableOptions:
Tachometer
Alarm
Life Expectancy (L10)
Ball - 60,000 hrs (45C)
Sleeve - 30,000 hrs (45C)
OperatingTemperature
Ball: -20C ~ +75C
Sleeve: -10C ~ 50C
Weight: ~ 0.02 lbs
Connection
2x Lead wires 28AWG
Motor
Brushless DC, auto restart,
impedance and polarity
protected
Bearing System
Ball bearing or Sleeve
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 minute at 500 VAC, max
leakage < 500 MicroAmp
Storage Temperature -40C ~ +80C
Model Number
Speed
(RPM)
Airflow
(CFM)
Noise
(dB)
Volts DC
Voltage
Range
(VDC)
Amps
Max. Static
Pressure
(“H2O)
OD2510-05H *
12000
2.7
31
5
4.0 ~ 5.5
0.14
0.23
OD2510-05M *
10000
2.2
24
5
4.0 ~ 5.5
0.12
0.17
OD2510-05L *
8000
1.8
18
5
4.0 ~ 5.5
0.10
0.12
OD2510-12H *
12000
2.7
31
12
6.0 ~ 16
0.09
0.23
OD2510-12M *
10000
2.2
24
12
6.0 ~ 16
0.08
0.17
OD2510-12L *
8000
1.8
16
12
6.0 ~ 16
0.04
0.12
OD2510-12LL *
7000
1.45
15
12
9.0 ~ 13.2 0.07
0.07
* Indicate “B” for ball bearing or “S” for sleeve bearing
m1


Similar Part No. - OD2510-05H

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD2510-05H ORIONFANS-OD2510-05H Datasheet
96Kb / 1P
   DC Fan - 5, 12V 25x10mm (1.0?쓝 0.39??
OD2510-05H ORIONFANS-OD2510-05H Datasheet
96Kb / 1P
   DC Fan
OD2510-05H ORIONFANS-OD2510-05H Datasheet
2Mb / 3P
   DC Fan - 5V, 12V 25 x 10mm (1.0 x .39in)
OD2510-05H ORIONFANS-OD2510-05H_15 Datasheet
96Kb / 1P
   DC Fan
More results

Similar Description - OD2510-05H

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD2510-05H ORIONFANS-OD2510-05H Datasheet
2Mb / 3P
   DC Fan - 5V, 12V 25 x 10mm (1.0 x .39in)
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
logo
CoolCox Limited All rig...
4010L05S COOLCOX-4010L05S Datasheet
2Mb / 14P
   40 x 40 x 10mm High Quality DC Fan
logo
ORION FANS
OD5015 ORIONFANS-OD5015 Datasheet
598Kb / 3P
   DC Fan - 12V 50 x 15mm (1.96 x .59in)
OD8025 ORIONFANS-OD8025 Datasheet
123Kb / 1P
   DC Fan 80x25mm (3.15 x 1.0)
OD4010 ORIONFANS-OD4010_16 Datasheet
282Kb / 1P
   DC Fan - 5, 12, 24V 40 x 10mm (1.58??x 0.39??
OD9225 ORIONFANS-OD9225 Datasheet
119Kb / 1P
   DC Fan - 12V & 24V 92x25 (3.62 x 1.00)
OD1232 ORIONFANS-OD1232_16 Datasheet
1Mb / 4P
   DC Fan - 12V, 24V, 48V 120 x 32mm (4.7.62 x 1.25in)
OD6025 ORIONFANS-OD6025 Datasheet
119Kb / 1P
   DC Fan - 12, 24V 60x25mm (2.36 x 1.0)
OD4028XC ORIONFANS-OD4028XC_16 Datasheet
463Kb / 1P
   DC Fan - 12V, High Speed 40x28mm (1.58??x 1.10??
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com