Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3000 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button ADNS-3000_16 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 10Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Table 4. DC Electrical Specifications
Electrical characteristics over recommended operating conditions. Typical values at 25° C, VDD = 1.9 V, VDDLED = 1.9 V,
IRLED HSDL-4261, ILED DC = 5mA
Parameter
Symbol
Min
Typ.
Max
Units
Notes
DC Supply Current in
Various Mode
IDD_AVG
1.44
mA
Average sensor current at max frame rate.
No load on MISO
Average LED current at max frame rate.
No load on MISO
IDD_REST1
108
A
IDD_REST2
28
A
IDD_REST3
12
A
IDDLED_AVG
0.3
mA
IDDLED_REST1
62
A
IDDLED_REST2
15
A
IDDLED_REST3
4
A
Power Down Current
10
A
Input Low Voltage
VIL
0.3* VDD
V
SCLK, MOSI, NCS
Input High Voltage
VIH
0.7* VDD
V
SCLK, MOSI, NCS
Input Hysteresis
VI_HYS
200
mV
SCLK, MOSI, NCS
Input Leakage Current
Ileak
+/-1
+/-10
A
Vin = VDD or 0 V
Output Low Voltage
VOL
0.45
V
Iout = 1 mA, MISO, MOTION
Output High Voltage
VOH
VDD -0.45
V
Iout = -1 mA, MISO, MOTION
Input Capacitance
Cin
50
pF
MOSI, NCS, SCLK
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3000 Low Power Optical Mouse Sensor


Similar Part No. - ADNS-3000_16

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3000 AVAGO-ADNS-3000 Datasheet
305Kb / 30P
   Low Power Optical Mouse Sensor Small Form Factor Low Power Architecture
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3000 AVAGO-ADNS-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNS-3000 BOARDCOM-ADNS-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - ADNS-3000_16

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
   LOW POWER CMOS OPTICAL MOUSE SENSOR
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PMW3260DB-TPOU PIXART-PMW3260DB-TPOU Datasheet
1Mb / 14P
   Ultra Low Power LED Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com