Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-3090 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  ADNS-3090_17 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-3090_17 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-3090_17 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-3090_17 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3090_17 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3090_17 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3090_17 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3090_17 Datasheet HTML 8Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Figure 2. Package outline drawing
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent
damage and/or degradation which may be induced by ESD.
Section A-A
(3.67)
0.144
1.82
± 0.03
0.071
± 0.001
( 1.5 ~ Draft)
A
A
Pin #1
6.025
0.237
4.55
0.179
7.28
± 0.03
0.287
± 0.001
13.38
0.527
5.60
± 0.03
0.220
± 0.001
1.05
± 0.03
0.041
± 0.001
Lead Width
0.50
0.020
22.30
0.878
(1.21)
0.048
(4.86)
0.191
Lead Offset
1.00
0.039
Lead Pitch
2.00
0.079
Chamfer
0.3
0.012
Kapton Tape
9.10
0.358
12.85
(At Shoulder)
0.506
(6.43)
0.253
0.25
0.010
0.99
0.039
3.18
0.125
7.05
0.278
12.85
± 0.74
(At Lead Tip)
0.506
± 0.029
2.25
± 0.03
0.089
± 0.001
90
± 3
Features for
Illustration only
Lot Code
Product Number
Date Code
Pin #1
Notes:
1. Dimensions in millimeters / inches.
2. Dimensional tolerance:
±0.1mm.
3. Coplanarity of leads: 0.1mm.
4. Lead pitch tolerance:
±0.15mm.
5. Non-cumulative pitch tolerance:
±0.15mm.
6. Angular tolerance:
±3.0
7. Maximum flash: 0.2mm.
8. Chamfer (25 x 2) on the taper side of the lead.
9. () These dimensions are for reference only and should
not be used to mechanically reference the sensor.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-3090 High-Performance Optical Mouse Sensor
10. Document Number: LED_Spts_20A_Pkg_002.


Similar Part No. - ADNS-3090_17

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
   High-Performance Optical Mouse Sensor
More results

Similar Description - ADNS-3090_17

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3080 AVAGO-ADNS-3080 Datasheet
841Kb / 39P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com