Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5050 Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # ADNS-5050
Description  Optical Mouse Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5050 Datasheet(HTML) 6 Page - Pixart Imaging Inc.

  ADNS-5050_16 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5050_16 Datasheet HTML 8Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Regulatory Requirements
 Passes FCC B and worldwide analogous emission limits when assembled into a mouse with shielded cable and
following
PixArt Imaging recommendations.
 Passes IEC-1000-4-3 radiated susceptibility level when assembled into a mouse with shielded cable and following
PixArt Imaging recommendations.
 Passes EN61000-4-4/IEC801-4 EFT tests when assembled into a mouse with shielded cable and following PixArt
Imaging recommendations.
 UL flammability level UL94 HB.
 Provides sufficient ESD creepage/clearance distance to avoid discharge up to 15 kV when assembled into a mouse
using lens according to usage instructions above.
Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Operating Temperature
TA
0
40
°C
Power Supply
VDD
4.0
5.0
5.25
V
Power Supply Rise Time
VRT
0.005
100
ms
0 to VDD
Supply Noise (Sinusoidal)
VNA
100
mV p-p
10 kHz-50 MHz
Serial Port Clock Frequency
fSCLK
3
MHz
50% duty cycle.
Distance from Lens Reference
Z
2.3
2.4
2.5
mm
Plane to Tracking Surface (Z)
Speed
S
30
ips
Acceleration
a
8
g
Load Capacitance
Cout
100
pF
SDIO
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Notes
Storage Temperature
TS
-40
85
°C
Lead Solder Temp
260
°C
Supply Voltage
VDD
-0.5
5.5
V
ESD
2
kV
All pins, human body model
MIL 883 Method 3015
Input Voltage
VIN
-0.5
VDD+0.5
V
All I/O pins
Output Current
Iout
7
mA
SDIO pin
Figure 9. Distance from lens reference plane to tracking surface (Z).
2.40
(0.094)
Z =
OBJECT SURFACE
SENSOR
LENS
LENS REFERENCE PLANE
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-5050 Optical Mouse Sensor


Similar Part No. - ADNS-5050_16

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5050 AVAGO-ADNS-5050 Datasheet
861Kb / 25P
   Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-5050 PIXART-ADNS-5050 Datasheet
603Kb / 27P
   Optical Mouse Sensor
More results

Similar Description - ADNS-5050_16

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-2001 HP-ADNS-2001 Datasheet
203Kb / 12P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5020-EN AVAGO-ADNK-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
ADNK-2620 AVAGO-ADNK-2620 Datasheet
107Kb / 1P
   Optical Mouse Sensor
ADNK-3550 AVAGO-ADNK-3550 Datasheet
100Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
   Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com