Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEBQ9WN-4U4V-24 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LEBQ9WN-4U4V-24
Description  Bestellinformation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEBQ9WN-4U4V-24 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LEBQ9WN-4U4V-24 Datasheet HTML 5Page - OSRAM GmbH LEBQ9WN-4U4V-24 Datasheet HTML 6Page - OSRAM GmbH LEBQ9WN-4U4V-24 Datasheet HTML 7Page - OSRAM GmbH LEBQ9WN-4U4V-24 Datasheet HTML 8Page - OSRAM GmbH LEBQ9WN-4U4V-24 Datasheet HTML 9Page - OSRAM GmbH LEBQ9WN-4U4V-24 Datasheet HTML 10Page - OSRAM GmbH LEBQ9WN-4U4V-24 Datasheet HTML 11Page - OSRAM GmbH LEBQ9WN-4U4V-24 Datasheet HTML 12Page - OSRAM GmbH LEBQ9WN-4U4V-24 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 3.0
LE B Q9WN
2014-04-25
9
Forward Current 5) page 20
Durchlassstrom 5) Seite 20
IF = f (VF); TJ = 25 °C
Relative Radiant Power 5) page 20 , 6) page 20
Relative Strahlungsleistung 5) Seite 20 , 6) Seite 20
ΦEE(700 mA) = f(IF); TJ = 25 °C
Dominant Wavelength 5) page 20
Dominante Wellenlänge 5) Seite 20
Δλdom = f(IF); TJ = 25 °C
LE B Q9WN
2.8
3.0
3.2
3.4
3.6
3.8
4.0
VF [V]
200
400
600
800
1000
1200
1400
IF [mA]
24IB110015007
200 400 600 800 1000 1200 1400
IF [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Φ E
ΦE(700 mA)
24IDL10015007
200 400 600 800 1000 1200 1400
IF [mA]
-10
-5
0
5
10
∆λ[nm]


Similar Part No. - LEBQ9WN-4U4V-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEBQ9WN-4U4V-24 OSRAM-LEBQ9WN-4U4V-24 Datasheet
697Kb / 21P
   compact lightsource in SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com