Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65110A7702 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # Q65110A7702
Description  Lead (Pb) Free Product - RoHS Compliant
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A7702 Datasheet(HTML) 2 Page - OSRAM GmbH

  Q65110A7702 Datasheet HTML 1Page - OSRAM GmbH Q65110A7702 Datasheet HTML 2Page - OSRAM GmbH Q65110A7702 Datasheet HTML 3Page - OSRAM GmbH Q65110A7702 Datasheet HTML 4Page - OSRAM GmbH Q65110A7702 Datasheet HTML 5Page - OSRAM GmbH Q65110A7702 Datasheet HTML 6Page - OSRAM GmbH Q65110A7702 Datasheet HTML 7Page - OSRAM GmbH Q65110A7702 Datasheet HTML 8Page - OSRAM GmbH Q65110A7702 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2010-03-03
2
LE A H3W, LE T H3W, LE B H3W
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus einer
Helligkeitsgruppe. Es wird nur eine einzige Helligkeitsgruppe und Farbgruppe pro Verpackungsbox geliefert.
* Zum Zweck der Bemusterung kann in kleinen Stückzahlen der konfektionierte JST-Gegenstecker mit Kabel
angefordert werden.
Note:
The above Type Numbers represent the order groups which includes only one brightness group per color and
tray. Only one group will be shipped on each tray.
*In small amounts for the purpose of sampling the corrsponding connector assembled with cable can be
ordered.
Bestellinformation
Ordering Information
Typ
Type
Emissionsfarbe
Color of Emission
Lichstärke
1) Seite 19
Luminous
Intensity
1) page 19
I
F = 1 A
Ι
V (cd)
Lichtfluss
2) Seite 19
Luminous Flux
2) page 19
I
F = 1 A
Φ
V (lm)
LE A H3W-LAMA-34
amber
112 ...224
465 typ.
LE T H3W-MANA-25
true green
180 ...355
735 typ.
LE B H3W-JAKA-23
blue
45 ... 90
168 typ.
Bestellinformation
Ordering Information
Typ
Type
Bestellnummer
Ordering Code
LE A H3W-LAMA-34
Q65110A7699
LE T H3W-MANA-25
Q65110A7704
LE B H3W-JAKA-23
Q65110A7702
LE_ACC_SHR_10V_SR
Q65110A4679 (Connector)*


Similar Part No. - Q65110A7702

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A7701 OSRAM-Q65110A7701 Datasheet
576Kb / 19P
   Lead (Pb) Free Product - RoHS Compliant
Q65110A7703 OSRAM-Q65110A7703 Datasheet
576Kb / 19P
   Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - Q65110A7702

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com