Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAM4E Datasheet(PDF) 6 Page - ATMEL Corporation

Part # SAM4E
Description  AVR UC3 A0/A1 (revision H and later)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4E Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button SAM4E Datasheet HTML 2Page - ATMEL Corporation SAM4E Datasheet HTML 3Page - ATMEL Corporation SAM4E Datasheet HTML 4Page - ATMEL Corporation SAM4E Datasheet HTML 5Page - ATMEL Corporation SAM4E Datasheet HTML 6Page - ATMEL Corporation SAM4E Datasheet HTML 7Page - ATMEL Corporation SAM4E Datasheet HTML 8Page - ATMEL Corporation SAM4E Datasheet HTML 9Page - ATMEL Corporation SAM4E Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
ASF
Add WINC3400 support and updating WINC1500 firmware to 19.4.4
Add WILC1000/3000 support
Release ASF3.28 (Nov 2015)
Add SAM B11 device and Xplained Pro board support
Add SAM E70 XPLD board and examples support
Add ATmega328PB device and XMINI board support
Add SAM4ECB device support
TAL and Performance Analyzer application support for RF215v3(Rev. D)
Release ASF3.27.3 (Sep 2015)
BluSDK3.0 Beta (BLE 4.1) support
Add Module config file for Performance analyzer application component
Release ASF3.27 (Sep 2015)
Add SAM L22 device and Xplained Pro kit support
Add SAM D09 device support
Add more modules support for SAM V70/V71/E70/S70
• Drivers: MCAN, USBHS
• Service: USB
• Component: s25flxx, sd_mmc, ili9488, wm8904, is42s16100e
• Third party: FreeRTOS, lwip, fatfs, CMSIS
Add ADP service and example on SAM D21 Xplained Pro kit
Release ASF3.26 (Aug 2015)
Add SAML21 revB device support
Add SAMR21E19 device support
Add SAMD21GxL device support
Add MEGA328P XMINI board support
Add more modules support for SAM V70/V71/E70/S70
• Drivers: XDMA, GMAC, USART
• Component: at24macxx, ksz8061rnb
Support for Proximetry Cloud solution in SmartConnect 6LoWPAN Stack
WINC1500 driver update to rev 19.3.0
Release ASF3.25 (Jul 2015)
Add SAMC20/SAMC21 device and SAMC21 Xplained Pro kit support in ASF:
• Drivers: AC, ADC, BOD, CAN, CCL, DAC, DIVAS, DMA, EVENTS, EXTINT, NVM, PAC, PORT, RTC,
SDADC, SERCOM(SPI, USART, I2C), System(clock, interrupt, pinmux, power, reset), TC, TCC, WDT
• Services: eeprom, delay
• Third party: CMSIS, freertos, fatfs
• Applications: led_toggle, getting-started, dac_sound_player, sleepwalking_adc, xosc32k_failure_detector
SAM V70/V71/E70/S70 devices and SAMV71-ULTR board support
• Drivers: AFEC, ACC, CHIPID, AES, DAC, EFC, GPBR, ICM, MATRIX, PIO, PMC, PWM, RSTC, RTC, RTT,
SMC, SSC, SUPC, SPI, TC, TRNG, TWIHS, UART, USART, WDT
• Services: flash_efc, delay, clock, ioport, serial, sleepmgr


Similar Part No. - SAM4E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM4E ATMEL-SAM4E Datasheet
6Mb / 1461P
   SMART ARM-based Flash MCU
SAM4E ATMEL-SAM4E Datasheet
3Mb / 40P
   SAM4E Microcontrollers
42067C 02/2016
SAM4E-EK ATMEL-SAM4E-EK Datasheet
3Mb / 40P
   SAM4E Microcontrollers
42067C 02/2016
SAM4E16C ATMEL-SAM4E16C Datasheet
6Mb / 1461P
   SMART ARM-based Flash MCU
SAM4E16E ATMEL-SAM4E16E Datasheet
6Mb / 1461P
   SMART ARM-based Flash MCU
More results

Similar Description - SAM4E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR32768 ATMEL-AVR32768 Datasheet
291Kb / 30P
   32-Bit AVR UC3 C Series Schematic Checklist
AVR32795 ATMEL-AVR32795 Datasheet
228Kb / 22P
   Using the GNU Linker Scripts on AVR UC3 Devices
logo
EnOcean GmbH.
PTM210 ENOCEAN-PTM210 Datasheet
170Kb / 1P
   DC Step code and later
Nov 2020
logo
Freescale Semiconductor...
C-3E FREESCALE-C-3E Datasheet
5Mb / 114P
   C-3e NETWORK PROCESSOR SILICON REVISION A1
logo
Motorola, Inc
C3ENPA1-DS MOTOROLA-C3ENPA1-DS Datasheet
842Kb / 114P
   C-3e NETWORK PROCESSOR SILICON REVISION A1
logo
Freescale Semiconductor...
C5ENPA1-DS FREESCALE-C5ENPA1-DS Datasheet
5Mb / 114P
   C-5e Network Processor Silicon Revision A1
logo
NXP Semiconductors
C3ENPA1-DS NXP-C3ENPA1-DS Datasheet
2Mb / 114P
   C-3e Network Processor Silicon Revision A1
Rev 03
C5ENPA1-DS NXP-C5ENPA1-DS Datasheet
2Mb / 114P
   C-5e NETWORK PROCESSOR SILICON REVISION A1
Rev 03
logo
ATMEL Corporation
ATEVK1110A ATMEL-ATEVK1110A Datasheet
252Kb / 17P
   AVR32817: Getting Started with the 32-bit AVR UC3 Software Framework lwIP TCP/IP Stack
logo
LUMEX INC.
LDS-E3902RI LUMEX-LDS-E3902RI Datasheet
45Kb / 1P
   E.C.N. NUMBER AND REVISION COMMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com