Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK100-50GS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK100-50GS
Description  PowerMOS transistor TOPFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK100-50GS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK100-50GS Datasheet HTML 3Page - NXP Semiconductors BUK100-50GS Datasheet HTML 4Page - NXP Semiconductors BUK100-50GS Datasheet HTML 5Page - NXP Semiconductors BUK100-50GS Datasheet HTML 6Page - NXP Semiconductors BUK100-50GS Datasheet HTML 7Page - NXP Semiconductors BUK100-50GS Datasheet HTML 8Page - NXP Semiconductors BUK100-50GS Datasheet HTML 9Page - NXP Semiconductors BUK100-50GS Datasheet HTML 10Page - NXP Semiconductors BUK100-50GS Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK100-50GS
TOPFET
Fig.14. Typical overload protection characteristics.
Conditions: V
DD = 13 V; VIS = 10 V; SC load = 30 mΩ
Fig.15. Typical clamping characteristics, 25 ˚C.
I
D = f(VDS); conditions: VIS = 0 V; tp ≤ 50 µs
Fig.16. Input threshold voltage.
V
IS(TO) = f(Tj); conditions: ID = 1 mA; VDS = 5 V
Fig.17. Typical DC input characteristics, T
j = 25 ˚C.
I
IS = f(VIS); normal operation
Fig.18. Typical DC input characteristics, T
j = 25 ˚C.
I
ISL = f(VIS); overload protection operated ⇒ ID = 0 A
Fig.19. Typical reverse diode current, T
j = 25 ˚C.
I
S = f(VSDS); conditions: VIS = 0 V; tp = 250 µs
-60
-20
20
60
100
140
180
220
Tmb / C
Energy & Time
BUK100-50GS
1
0.5
0
Energy / J
Time / ms
Tj(TO)
0
2
4
6
8
10
12
14
BUK100-50GS
VIS / V
II / mA
1.0
0.5
0
50
60
70
BUK100-50GS
VDS / V
ID / A
20
15
10
5
0
typ.
0
2
4
6
8
10
12
14
VIS / V
IIS / mA
BUK100-50GS
5
4
3
2
1
0
PROTECTION LATCHED
NORMAL
RESET
-60
-40
-20
0
20
40
60
80
100
120
140
Tj / C
VIS(TO) / V
2
1
0
max.
typ.
min.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
BUK100-50GS
VSD / V
IS / A
60
50
40
30
20
10
0
November 1996
7
Rev 1.300


Similar Part No. - BUK100-50GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK100-50GL PHILIPS-BUK100-50GL Datasheet
123Kb / 11P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.300
More results

Similar Description - BUK100-50GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK108-50GS PHILIPS-BUK108-50GS Datasheet
120Kb / 12P
   PowerMOS transistor TOPFET
June 1996 Rev 1.000
BUK102-50GS PHILIPS-BUK102-50GS Datasheet
112Kb / 11P
   PowerMOS transistor TOPFET
January 1993 Rev 1.200
BUK109-50GS PHILIPS-BUK109-50GS Datasheet
119Kb / 12P
   PowerMOS transistor TOPFET
June 1996 Rev 1.000
BUK110-50GS PHILIPS-BUK110-50GS Datasheet
117Kb / 11P
   PowerMOS transistor TOPFET
June 1996 Rev 1.000
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com