Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3100VZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # X3100VZ
Description  3 or 4 Cell Li-ion Battery Protection and Monitor IC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X3100VZ Datasheet(HTML) 2 Page - Intersil Corporation

  X3100VZ Datasheet HTML 1Page - Intersil Corporation X3100VZ Datasheet HTML 2Page - Intersil Corporation X3100VZ Datasheet HTML 3Page - Intersil Corporation X3100VZ Datasheet HTML 4Page - Intersil Corporation X3100VZ Datasheet HTML 5Page - Intersil Corporation X3100VZ Datasheet HTML 6Page - Intersil Corporation X3100VZ Datasheet HTML 7Page - Intersil Corporation X3100VZ Datasheet HTML 8Page - Intersil Corporation X3100VZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
FN8110.1
January 3, 2008
Pinout
X3100, X3101
(28 LD TSSOP)
TOP VIEW
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCELL1
CB1
VCELL2
CB2
VCELL3
CB3
VCELL4/VSS*
CB4
VSS
VCS1
VCS2
OVT
UVT
OCT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VCC
RGC
RGO
UVP/OCP
OVP/LMON
SCK
SI
AS2
AS1
AS0
AO
RGP
CS
SO
*For X3101, Connect to GND
Ordering Information
PART
NUMBER*
PART
MARKING
VCC LIMITS
(V)
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
X3100V28*
X3100V
6 to 24
-20 to +70
28 Ld TSSOP
M28.173
X3100V28I
X3100V I
6 to 24
-20 to +70
28 Ld TSSOP
M28.173
X3100V28Z
(Note)
X3100VZ
6 to 24
-20 to +70
28 Ld TSSOP
(Pb-free)
M28.173
X3101V28*
X3101V
6 to 24
-20 to +70
28 Ld TSSOP
M28.173
X3101V28Z
(Note)
X3101VZ
6 to 24
-20 to +70
28 Ld TSSOP
(Pb-free)
M28.173
**Add “-T1” or “T2” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pin Descriptions
PIN
NUMBER PIN NAME
BRIEF DESCRIPTION
1
VCELL1
Battery cell 1 voltage input. This pin is used to monitor the voltage of this battery cell internally.
The voltage of an individual cell can also be monitored externally at pin AO.
The X3100 monitors 4 battery cells. The X3101 monitors 3 battery cells.
2CB1
Cell balancing FET control output 1. This output is used to switch an external FET in order to
perform cell voltage balancing control. This function can be used to adjust an individual cell voltage
(e.g. during cell charging). CB1 can be driven high (Vcc) or low (Vss) to switch the external FET
ON/OFF.
3
VCELL2
Battery cell 2 voltage. This pin is used to monitor the voltage of this battery cell internally. The voltage of an individual cell
can also be monitored externally at pin AO.
The X3100 monitors 4 battery cells. The X3101 monitors 3 battery cells.
X3100, X3101


Similar Part No. - X3100VZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X3100V28 INTERSIL-X3100V28 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
X3100V28 INTERSIL-X3100V28 Datasheet
562Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3100V28 RENESAS-X3100V28 Datasheet
1Mb / 40P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3100V28I INTERSIL-X3100V28I Datasheet
562Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3100V28I RENESAS-X3100V28I Datasheet
1Mb / 40P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
More results

Similar Description - X3100VZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
   One Cell Li-ion and Li-poly Battery Protection IC
logo
Advanced Analog Technol...
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com