Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1J3032 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # 1J3032
Description  125째C DYNAMIC OPERATING LIFE TEST
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

1J3032 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button 1J3032 Datasheet HTML 3Page - ATMEL Corporation 1J3032 Datasheet HTML 4Page - ATMEL Corporation 1J3032 Datasheet HTML 5Page - ATMEL Corporation 1J3032 Datasheet HTML 6Page - ATMEL Corporation 1J3032 Datasheet HTML 7Page - ATMEL Corporation 1J3032 Datasheet HTML 8Page - ATMEL Corporation 1J3032 Datasheet HTML 9Page - ATMEL Corporation 1J3032 Datasheet HTML 10Page - ATMEL Corporation 1J3032 Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PAGE 10 OF 11
AT-89C52
PLASTIC PACKAGE
EXTENDED THERMAL SHOCK
-55°C TO +125°C
DATE
PKG
SAMPLE
NUMBER
NUMBER
CODE
TYPE
SIZE
OF CYCLES
OF FAILURES
5C9539
44 PLCC
77
1000
0
5B2672
44 PQFP
44
1000
0
6A9621
44 PQFP
77
1000
0
6B9629
44 PQFP
77
1000
0
7L9728
40 PDIP
77
1000
0
7M9747
40 PDIP
77
1000
0


Similar Description - 1J3032

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT-89S8252 ATMEL-AT-89S8252 Datasheet
15Kb / 5P
   125째C DYNAMIC LIFETEST (PLASTIC)
logo
PARA LIGHT ELECTRONICS ...
EP501BL004W PARALIGHT-EP501BL004W Datasheet
186Kb / 12P
   Long operating life.
EP501W1C001WH PARALIGHT-EP501W1C001WH Datasheet
195Kb / 13P
   Long operating life.
EP501AL005W PARALIGHT-EP501AL005W Datasheet
255Kb / 12P
   Long operating life.
EP501W1BW071W PARALIGHT-EP501W1BW071W Datasheet
170Kb / 12P
   Long operating life.
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
EP501GL007W PARALIGHT-EP501GL007W Datasheet
186Kb / 12P
   Long operating life.
EP501IR1L015W PARALIGHT-EP501IR1L015W Datasheet
149Kb / 12P
   Long operating life.
EP501W1L053WS PARALIGHT-EP501W1L053WS Datasheet
186Kb / 12P
   Long operating life.
EP501RL003W PARALIGHT-EP501RL003W Datasheet
236Kb / 12P
   Long operating life.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com