Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL2101ALAFT Datasheet(PDF) 8 Page - Intersil Corporation

Part # ZL2101ALAFT
Description  6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2101ALAFT Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ZL2101ALAFT Datasheet HTML 4Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 5Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 6Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 7Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 8Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 9Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 10Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 11Page - Intersil Corporation ZL2101ALAFT Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ZL2101
8
FN7730.0
January 23, 2012
VSEN Undervoltage Threshold
Factory default
-
85
-
% VOUT
Configurable via I2C/SMBus
0
-
110
% VOUT
VSEN Overvoltage Threshold
Factory default
-
115
-
% VOUT
Configurable via I2C/SMBus
0
-
115
% VOUT
VSEN Undervoltage Hysteresis
-
5
-
% VOUT
VSEN Undervoltage/Overvoltage Fault Response
Time
Factory default
-
16
-
µs
Configurable via I2C/SMBus
5
-
60
µs
Peak Current Limit Threshold
Factory default
-
-
9.0
A
Configurable via I2C/SMBus
0.2
-
9.0
A
Current Limit Set-point Accuracy
-
±10
-
% FS
(Note 12)
Current Limit Protection Delay
Factory default
-
5
-
tSW
(Note 19)
Configurable via I2C/SMBus
1
-
32
tSW
(Note 19)
Thermal Protection Threshold (Junction Temperature) Factory default
-
125
-
°C
Configurable via I2C/SMBus
-40
-
125
°C
Thermal Protection Hysteresis
-
15
-
°C
NOTES:
10. Refer to Safe Operating Area in Figure 8 and thermal design guidelines in AN2010.
11. Does not include margin limits.
12. Percentage of Full Scale (FS) with temperature compensation applied.
13. The device requires a delay period following an enable signal and prior to ramping its output. Precise timing mode limits this delay period to
approximately 2ms, where in normal mode it may vary up to 4ms.
14. Precise ramp timing mode is only valid when using EN pin to enable the device rather than PMBus enable. Precise ramp timing mode is automatically
disabled for a self-enabled device (EN pin tied high).
15. The devices may require up to a 4ms delay following the assertion of the enable signal (normal mode) or following the
de-assertion of the enable signal. Precise mode requires Re-Enable delay = TOFF+TFALL+10µs.
16. Switch node current should not exceed IRMS of 6A.
17. Factory default is the initial value in firmware. The value can be changed via PMBus commands.
18. Maximum duty cycle is limited by the equation MAX_DUTY(%) = [1 - (150×10-9 × fSW)] × 100 and not to exceed 95%.
19. tSW = 1/fSW, where fSW is the switching frequency.
20. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications V
DDP = VDDS = 12V, TA = -40°C to +85°C unless otherwise noted. (Note 10) Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
CONDITIONS
MIN
(Note 20)
TYP
MAX
(Note 20)
UNIT


Similar Part No. - ZL2101ALAFT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2101ALAFT INTERSIL-ZL2101ALAFT Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
logo
Renesas Technology Corp
ZL2101ALAFT RENESAS-ZL2101ALAFT Datasheet
1Mb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
logo
Intersil Corporation
ZL2101ALAFTK INTERSIL-ZL2101ALAFTK Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
logo
Renesas Technology Corp
ZL2101ALAFTK RENESAS-ZL2101ALAFTK Datasheet
1Mb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
More results

Similar Description - ZL2101ALAFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL2101 RENESAS-ZL2101 Datasheet
1Mb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
logo
Intersil Corporation
ZL2101ALAF INTERSIL-ZL2101ALAF Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
ZL2102 INTERSIL-ZL2102_14 Datasheet
940Kb / 58P
   6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
November 20, 2014
logo
Renesas Technology Corp
ZL2102 RENESAS-ZL2102 Datasheet
2Mb / 58P
   6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
logo
Intersil Corporation
ZL2102 INTERSIL-ZL2102 Datasheet
861Kb / 58P
   6A Digital Integrated Synchronous Step-Down DC/DC Regulator with Auto Compensation
ZL2106 INTERSIL-ZL2106 Datasheet
624Kb / 35P
   6A Digital-DC Synchronous Step-Down DC-DC Converter
logo
Renesas Technology Corp
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106_10 Datasheet
571Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
   6A Digital-DC Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com