Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL8101ALAFTK Datasheet(PDF) 9 Page - Intersil Corporation

Part # ZL8101ALAFTK
Description  Adaptive Digital DC/DC PWM Controller with Auto Compensation
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL8101ALAFTK Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ZL8101ALAFTK Datasheet HTML 5Page - Intersil Corporation ZL8101ALAFTK Datasheet HTML 6Page - Intersil Corporation ZL8101ALAFTK Datasheet HTML 7Page - Intersil Corporation ZL8101ALAFTK Datasheet HTML 8Page - Intersil Corporation ZL8101ALAFTK Datasheet HTML 9Page - Intersil Corporation ZL8101ALAFTK Datasheet HTML 10Page - Intersil Corporation ZL8101ALAFTK Datasheet HTML 11Page - Intersil Corporation ZL8101ALAFTK Datasheet HTML 12Page - Intersil Corporation ZL8101ALAFTK Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
FIGURE 2. EXAMPLE DESIGN USING ZL8101 AND ZL1505 DRIVER
NOTE:
21. The DDC bus requires a pull-up resistor. The resistance will vary based on the capacitive loading of the bus (and on the number of devices connected). The 10k default value, assuming a maximum
of 100pF per device, provides the necessary 1µs pull-up rise time. Please refer to the “Digital-DC Bus” section on page 30 for more information.
VOUT
C5
FB+
FB-
C4
BST
Q1
U1
ZL1505
HSEL
1
GH
2
SW
3
PWMH
4
PWML
5
LSEL
6
GND
7
GL
8
VDD
9
BST
10
EPAD
11
VIN = 4.5V-14V
VDRV = 4.5V-6.5V
SW
ISENB
C9
10µF
C2
4.7µF
C7
0.01µF
ISENA
PWML
DDC
C3
PG
R3
6.65k
SGND
SCL
R1
100k
EN
SDA
FB1
SGND
SGND
PWMH
C8
10µF
U2
ZL8101
DGND
1
SYNC
2
SA0
3
SA1
4
SCL
6
SDA
7
SALRT
8
FC
9
V0
10
V1
11
VMON
12
VTRK
14
FB+
15
FB-
16
NC
17
ISENB
18
ISENA
19
PWML
20
SGND
21
VR
23
VDD
24
V25
25
XTEMP
26
DDC
27
MGN
28
EN
30
SS
31
PG
32
NC
5
DRVCTL
13
PWMH
22
NC
29
SGND
33
C1
L1
R2
C6
DDCBus
(Note 21)
I2C/SMBus


Similar Part No. - ZL8101ALAFTK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL8101ALAFTK RENESAS-ZL8101ALAFTK Datasheet
1Mb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
logo
Intersil Corporation
ZL8101ALAFTK INTERSIL-ZL8101ALAFTK Datasheet
924Kb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
July 13, 2012
More results

Similar Description - ZL8101ALAFTK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL8101 RENESAS-ZL8101 Datasheet
1Mb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
logo
Xicor Inc.
ZL8101 XICOR-ZL8101 Datasheet
928Kb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
logo
Intersil Corporation
ZL8101 INTERSIL-ZL8101_14 Datasheet
924Kb / 36P
   Adaptive Digital DC/DC PWM Controller with Auto Compensation
July 13, 2012
logo
Renesas Technology Corp
ZL6105 RENESAS-ZL6105 Datasheet
1Mb / 35P
   Digital DC/DC Controller with Drivers and Auto Compensation
logo
Intersil Corporation
ZL6105ALAF INTERSIL-ZL6105ALAF Datasheet
943Kb / 35P
   Digital DC/DC Controller with Drivers and Auto Compensation
December 19, 2013
logo
Renesas Technology Corp
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
   Adaptive Digital DC/DC Controller with Current Sharing
logo
Fairchild Semiconductor
FD2004 FAIRCHILD-FD2004 Datasheet
745Kb / 2P
   Adaptive Digital DC-DC Controller with Current Sharing
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
   Adaptive Digital DC-DC Controller with Current Sharing
ZL2004-01 INTERSIL-ZL2004-01 Datasheet
157Kb / 6P
   Adaptive Digital DC-DC Controller with Current Sharing
ZL2004ALNN-01 INTERSIL-ZL2004ALNN-01 Datasheet
229Kb / 7P
   Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com