Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFM3200 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SFM3200
Description  Superior performance at very low flows
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFM3200 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SFM3200 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFM3200 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFM3200 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFM3200 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFM3200 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFM3200 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFM3200 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.sensirion.com
Version 1 – July 2016
4/7
3. Mechanical Specifications
3.1
Connection with medical cones
Fittings of the SFM3200 sensor correspond to the
international standard ISO5356-1:2004. Details about this
type of connection can be found in the description of the
standard.
3.2
Connection with O-ring
O-ring socket: d1 = 22 mm, d2 = 1.5 mm
O-ring cone: d1 = 20 mm, d2 = 1.5 mm
3.3
Dimensions
Parameter
Value
Unit
Length
73.0
mm
Inner diameter
19
mm
Downstream conical cone12
22
mm
Upstream conical socket12
22
mm
Additional connection with O-rings possible (see above)
-
-
Weight
<30
g
All dimensions are in millimetres (mm).
12
According to ISO5356-1:2004
Cross section of recommended O-ring 1


Similar Part No. - SFM3200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFM3200-AW ETC2-SFM3200-AW Datasheet
411Kb / 8P
   Low pressure drop
More results

Similar Description - SFM3200

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CAR TTELEC-CAR Datasheet
310Kb / 3P
   Superior moisture performance
SON TTELEC-SON Datasheet
572Kb / 4P
   Superior temperature performance
logo
PREMIER DEVICES, INC.
OR3005230W PDI-OR3005230W Datasheet
159Kb / 4P
   Superior return loss performance
logo
RF Micro Devices
RFOS601X RFMD-RFOS601X Datasheet
351Kb / 4P
   Superior Return Loss Performance
logo
New Jersey Semi-Conduct...
2SK249 NJSEMI-2SK249 Datasheet
218Kb / 2P
   Superior Cross Modulation Performance
logo
PREMIER DEVICES, INC.
OS10040280G PDI-OS10040280G Datasheet
161Kb / 5P
   Superior return loss performance
OS10040280GW PDI-OS10040280GW Datasheet
159Kb / 5P
   Superior return loss performance
logo
3M Electronics
375 3M-375 Datasheet
14Kb / 2P
   Superior Performance Box Sealing Tape
logo
International Rectifier
IRF7821GPBF IRF-IRF7821GPBF Datasheet
293Kb / 10P
   Very Low RDS(on) at 4.5V VGS
IR3477M IRF-IR3477M_15 Datasheet
904Kb / 21P
   Excellent Efficiency at Very Low Output Currents
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com