Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2911 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS2911
Description  NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2911 Datasheet(HTML) 2 Page - California Eastern Labs

  PS2911 Datasheet HTML 1Page - California Eastern Labs PS2911 Datasheet HTML 2Page - California Eastern Labs PS2911 Datasheet HTML 3Page - California Eastern Labs PS2911 Datasheet HTML 4Page - California Eastern Labs PS2911 Datasheet HTML 5Page - California Eastern Labs PS2911 Datasheet HTML 6Page - California Eastern Labs PS2911 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current (DC)
mA
50
IF/˚C
Forward Current Derating
mA/°C
0.5
IF (Peak) Peak Forward Current2
A
0.5
PD
Power Dissipation
mW
60
VR
Reverse Voltage
V
6
Transistor
VCEO
Collector to Emitter Voltage
V
40
VECO
Emitter to Collector Voltage
V
5
IC
Collector Current
mA
40
PC/˚C Power Dissipation Derating
mW/˚C
1.2
PC
Power Dissipation
mW
120
Coupled
BV
Isolation Voltage3
Vr.m.s.
2500
PT
Total Power Dissipation
mW
160
TA
Operating Ambient Temp.
°C
-55 to +100
TSTG
Storage Temperature
°C
-55 to +150
PS2911-1
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess pf any one of these parameters may result
in permanent damage.
2. PW = 100 µs, Duty Cycle = 1%.
3. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input
and output.
OUTLINE DIMENSIONS (Units in mm)
OPTOCOUPLER CONSTRUCTION
PARAMETER
UNITS (MIN)
Air Distance
4 mm
Creepage Distance
4 mm
Isolation Distance
0.4 mm
1. Anode
2. Cathode
3. Emitter
4. Collector
TOP VIEW
N
11
111
–Last number of
Type No: 11
–An initial of "NEC"
–Assembly lot
No. 1 pin mark
(nicked corner)
1
11
Week assembled
Year assembled
MARKING
N
2.5±0.3
4
3
1
2
5.0±0.2
0.2±0.1
0.4±0.1
1.27
RECOMMENDED MOUNT PAD DIMENSIONS (Units in mm)
PART NUMBER
PACKING STYLE
PS2911-1-F3
Embossed Tape 3500 pcs/reel
PS2911-1-F4
ORDERING INFORMATION (Solder Contains Lead)
0.8
0.6
1.27
24-R0.1
( ): Reference value
Remark: This drawing is considered to meet air and outer creepage
distance 4.0 mm minimum. All dimensions in this figure must be
evaluated before use.
CAUTIONS REGARDING NOISE:
Be aware that when voltage is applied suddenly between the
optocoupler's input and outout or between collector-emitters at
startup, the output side may enter the on state, even if the voltage
is within the absolute maximum ratings.
PART NUMBER
PACKING STYLE
PS2911-1-F3-A
Embossed Tape 3500 pcs/reel
PS2911-1-F4-A
ORDERING INFORMATION (Pb-Free)


Similar Part No. - PS2911

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1 Datasheet
194Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1 Datasheet
304Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1 Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
PS2911-1-AX RENESAS-PS2911-1-AX Datasheet
304Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1-AX RENESAS-PS2911-1-AX Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
More results

Similar Description - PS2911

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2911-1-F3-M-A CEL-PS2911-1-F3-M-A Datasheet
494Kb / 13P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_15 Datasheet
194Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_16 Datasheet
304Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_V01 Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2915-1 CEL-PS2915-1 Datasheet
779Kb / 7P
   HIGH CTR, AC INPUT RESPONSE TYPE 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
logo
NEC
PS2711 NEC-PS2711 Datasheet
142Kb / 6P
   NECs HIGH CTR, 4 PIN SOP OPTOCOUPLER
logo
List of Unclassifed Man...
PS2913-1 ETC-PS2913-1 Datasheet
112Kb / 6P
   NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2915-1 RENESAS-PS2915-1_16 Datasheet
464Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2915-1 RENESAS-PS2915-1_V01 Datasheet
491Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS2915-1 RENESAS-PS2915-1_15 Datasheet
429Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com