Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK15C68-W35 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STK15C68-W35
Description  8K x 8 AutoStore nvSRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK15C68-W35 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  STK15C68-W35 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK15C68-W35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK15C68-W35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK15C68-W35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK15C68-W35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK15C68-W35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK15C68-W35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK15C68-W35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK15C68-W35 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STK15C68
4-66
SOFTWARE MODE SELECTION
Note l:
The six consecutive addresses must be in order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
SOFTWARE CYCLES #1 & #2m,n
(VCC = 5.0V
± 10%)
Note m: The software sequence is clocked with E controlled reads.
Note n:
The six consecutive addresses must be in the order listed in the SOFTWARE MODE SELECTION Table - (0000, 1555, 0AAA, 1FFF, 10F0,
0F0F) for a STORE cycle or (0000, 1555, 0AAA, 1FFF, 10F0, 0F0E) for a RECALL cycle. W must be high during all six consecutive cycles.
SOFTWARE CYCLE: E CONTROLLED
E
W
GA12 - A0 (hex)
MODE
I/O with G Low
I/O with G High
NOTES
LH
X
0000
1555
0AAA
1FFF
10F0
0F0F
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output data
Output data
Output data
Output data
Output data
Output high Z
Output High Z
Output High Z
Output High Z
Output High Z
Output High Z
Output High Z
l
LH
X
0000
1555
0AAA
1FFF
10F0
0F0E
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
RECALL
Output data
Output data
Output data
Output data
Output data
Output high Z
Output High Z
Output High Z
Output High Z
Output High Z
Output High Z
Output High Z
l
NO.
SYMBOLS
PARAMETER
STK15C68-25
STK15C68-35
STK15C68-45
UNITS
#1
MIN
MAX
MIN
MAX
MIN
MAX
27
tAVAV
STORE/RECALL Initiation Cycle Time
25
35
45
ns
28
tELQZ
g,m
End of Sequence to Outputs Inactive
650
650
650
ns
29
tAVEL
m
Address Set-up Time
0
0
0
ns
30
tELEH
m
Clock Pulse Width
20
25
30
ns
31
tELAX
g,m
Address Hold Time
20
20
20
ns
32
tRECALL
Recall Cycle Duration
20
20
20
µs
28
32
23
31
30
29
27
27
DATA VALID
DQ(Data Out)
ELQZ
t
RECALL
DATA VALID
t
STORE
t
HIGH IMPEDANCE
ELAX
t
ELEH
AVEL
AVAV
AVAV
t
E
t
t
ADDRESS #1
t
ADDRESS #6
ADDRESS


Similar Part No. - STK15C68-W35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C68-WF25 SIMTEK-STK15C68-WF25 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-WF25I SIMTEK-STK15C68-WF25I Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-WF35 SIMTEK-STK15C68-WF35 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-WF35I SIMTEK-STK15C68-WF35I Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68-WF45 SIMTEK-STK15C68-WF45 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

Similar Description - STK15C68-W35

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com