Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK472-60A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK472-60A
Description  PowerMOS transistor Isolated version of BUK452-60A/B
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK472-60A Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK472-60A Datasheet HTML 1Page - NXP Semiconductors BUK472-60A Datasheet HTML 2Page - NXP Semiconductors BUK472-60A Datasheet HTML 3Page - NXP Semiconductors BUK472-60A Datasheet HTML 4Page - NXP Semiconductors BUK472-60A Datasheet HTML 5Page - NXP Semiconductors BUK472-60A Datasheet HTML 6Page - NXP Semiconductors BUK472-60A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK472-60A/B
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG); conditions: ID = 15 A; parameter VDS
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.15. Normalised avalanche energy rating.
W
DSS% = f(Ths); conditions: ID = 15 A
Fig.16. Avalanche energy test circuit.
0
1
2
3
4
VGS / V
ID / A
1E-01
1E-02
1E-03
1E-04
1E-05
1E-06
SUB-THRESHOLD CONDUCTION
typ
2 %
98 %
0
1
2
BUK452-50A
VSDS / V
30
20
10
0
IF / A
25
150
Tj / C =
0
20
40
VDS / V
C / pF
Ciss
Coss
Crss
10
100
1000
10000
BUK4y2-50
20
40
60
80
100
120
140
Ths / C
120
110
100
90
80
70
60
50
40
30
20
10
0
WDSS%
0
2
4
6
8
10
QG / nC
VGS / V
12
10
8
6
4
2
0
VDS / V =12
48
BUK452-60
L
T.U.T.
VDD
RGS
R 01
VDS
-ID/100
+
-
shunt
VGS
0
W
DSS = 0.5 ⋅ LID
2
⋅ BV
DSS/(BVDSS − VDD)
November 1996
5
Rev 1.200


Similar Part No. - BUK472-60A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK472-60A ISC-BUK472-60A Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - BUK472-60A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK472-100A PHILIPS-BUK472-100A Datasheet
59Kb / 7P
   PowerMOS transistor Isolated version of BUK452-100A/B
November 1996 Rev 1.200
BUK473-60A PHILIPS-BUK473-60A Datasheet
57Kb / 7P
   PowerMOS transistor Isolated version of BUK453-60A/B
November 1996 Rev 1.200
BUK475-60A PHILIPS-BUK475-60A Datasheet
59Kb / 7P
   PowerMOS transistor Isolated version of BUK455-60A/B
November 1996 Rev 1.200
BUK473-100A PHILIPS-BUK473-100A Datasheet
60Kb / 7P
   PowerMOS transistor Isolated version of BUK453-100A/B
November 1996 Rev 1.200
BUK474-200A PHILIPS-BUK474-200A Datasheet
79Kb / 7P
   PowerMOS transistor Isolated version of BUK454-200A/B
April 1998 Rev 1.100
BUK475-200A PHILIPS-BUK475-200A Datasheet
58Kb / 7P
   PowerMOS transistor Isolated version of BUK455-200A/B
June 1996 Rev 1.200
BUK475-100A PHILIPS-BUK475-100A Datasheet
76Kb / 7P
   PowerMOS transistor Isolated version of BUK455-100A/B
November 1996 Rev 1.200
BUK474-200A PHILIPS-BUK474-200A Datasheet
80Kb / 7P
   PowerMOS transistor Isolated version of BUK454-200A/B
April 1998 Rev 1.100
PHX1N60E PHILIPS-PHX1N60E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP1N60E
November 1996 Rev 1.000
PHX15N06E PHILIPS-PHX15N06E Datasheet
57Kb / 7P
   PowerMOS transistor Isolated version of PHP20N06E
November 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com