Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER1C Datasheet(PDF) 3 Page - Micro Commercial Components

Part # ER1C
Description  1 Amp Ultra Fast Recovery Silicon Rectifier Silicon Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ER1C Datasheet(HTML) 3 Page - Micro Commercial Components

  ER1C Datasheet HTML 1Page - Micro Commercial Components ER1C Datasheet HTML 2Page - Micro Commercial Components ER1C Datasheet HTML 3Page - Micro Commercial Components ER1C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ER1A thru ER1M
Figure 5
New SMB Assembly
Round Lead
Process
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 6
Reverse Recovery Time Characteristic And Test Circuit Diagram
1
100
4
0
5
10
15
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
20
25
30
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Similar Part No. - ER1C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1C PANJIT-ER1C Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
ER1C YEASHIN-ER1C Datasheet
43Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFI ER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
logo
Shanghai Leiditech Elec...
ER1C LEIDITECH-ER1C Datasheet
628Kb / 3P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Transys Electronics
ER1C TRSYS-ER1C Datasheet
248Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
SUNMATE electronic Co.,...
ER1C SUNMATE-ER1C Datasheet
277Kb / 2P
   1.0A Surface Mount Rectifier
More results

Similar Description - ER1C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FS1K-LTP MCC-FS1K-LTP Datasheet
233Kb / 4P
   1 Amp Fast Recovery Silicon Rectifier Silicon Rectifier
logo
Central Semiconductor C...
CBR1U-D010 CENTRAL-CBR1U-D010 Datasheet
337Kb / 2P
   1 AMP ULTRA FAST SILICON BRIDGE RECTIFIER
logo
Diotech Company.
UF5400 DIOTECH-UF5400 Datasheet
667Kb / 2P
   ULTRA FAST RECOVERY SILICON RECTIFIER
logo
Central Semiconductor C...
CMR2U-06 CENTRAL-CMR2U-06_15 Datasheet
296Kb / 2P
   ULTRA FAST RECOVERY SILICON RECTIFIER
UF4001 CENTRAL-UF4001 Datasheet
105Kb / 2P
   ULTRA FAST RECOVERY SILICON RECTIFIER
logo
Diotech Company.
UF201 DIOTECH-UF201 Datasheet
781Kb / 2P
   ULTRA FAST RECOVERY SILICON RECTIFIER
UF4001 DIOTECH-UF4001 Datasheet
660Kb / 2P
   ULTRA FAST RECOVERY SILICON RECTIFIER
logo
Central Semiconductor C...
CPR1U-040 CENTRAL-CPR1U-040_15 Datasheet
410Kb / 2P
   ULTRA FAST RECOVERY SILICON RECTIFIER
logo
Shenzhen Yixinwei Techn...
UF201 YIXIN-UF201 Datasheet
886Kb / 2P
   ULTRA FAST RECOVERY SILICON RECTIFIER
logo
Micro Commercial Compon...
ES1AE MCC-ES1AE_14 Datasheet
375Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com