Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM32A932 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MCM32A932
Description  128KB/256KB Secondary Cache Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM32A932 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MCM32A932 Datasheet HTML 4Page - Motorola, Inc MCM32A932 Datasheet HTML 5Page - Motorola, Inc MCM32A932 Datasheet HTML 6Page - Motorola, Inc MCM32A932 Datasheet HTML 7Page - Motorola, Inc MCM32A932 Datasheet HTML 8Page - Motorola, Inc MCM32A932 Datasheet HTML 9Page - Motorola, Inc MCM32A932 Datasheet HTML 10Page - Motorola, Inc MCM32A932 Datasheet HTML 11Page - Motorola, Inc MCM32A932 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MCM32A732/764
•MCM32A832/864•MCM32A932/964
9
MOTOROLA FAST SRAM
WRITE CYCLE 2 (E Controlled, See Notes 1 and 2)
Data
Tag/Valid
Dirty
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
30
30
30
ns
4
Address Setup Time
(A4 – A5)
(A6 – A19)
tAVEL
2
10
2
10
ns
Address Valid to End of Write
tAVEH
20
10
20
ns
Write Pulse Width
tELEH,
tELWH
15
10
15
ns
Data Setup to Write Time
tDVEH
8
6
8
ns
Data Hold from Write Time
tEHDX
0
0
0
ns
Write Recovery Time
tEHAX
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. E = Exx, ET; W = Wxx, WT, WA; G = GA, GB
3. All timings are referenced from the last valid address to the first transitioning address.
4. If E goes low coincident with or after W goes low, the output will remain in a high impedance state.
5. If E goes high coincident with or before W goes high, the output will remain in a high impedance state.
WRITE CYCLE 2 (E Controlled, See Note 1)
tEHDX
tDVEH
tEHAX
tELWH
tELEH
tAVEL
tAVEH
DATA VALID
tAVAV
HIGH–Z
A (ADDRESS)
W (WRITE ENABLE)
E (CHIP ENABLE)
Q (DATA OUT)
D (DATA IN)


Similar Part No. - MCM32A932

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM32100 MOTOROLA-MCM32100 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM32100S10 MOTOROLA-MCM32100S10 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM32100S80 MOTOROLA-MCM32100S80 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM32100SG10 MOTOROLA-MCM32100SG10 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM32100SG80 MOTOROLA-MCM32100SG80 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
More results

Similar Description - MCM32A932

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM32N864 MOTOROLA-MCM32N864 Datasheet
47Kb / 4P
   256KB Secondary Cache Module
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
   256KB Asynchronous Secondary Cache Module for PowerPC
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
logo
ACCUTEK MICROCIRCUIT CO...
AKCM6432T ACCUTEK-AKCM6432T_09 Datasheet
234Kb / 9P
   512KB SECONDARY CACHE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com