Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF007BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF007BM
Description  QwikRadio짰 Low-Power UHF Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF007BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF007BM Datasheet HTML 1Page - Micrel Semiconductor MICRF007BM Datasheet HTML 2Page - Micrel Semiconductor MICRF007BM Datasheet HTML 3Page - Micrel Semiconductor MICRF007BM Datasheet HTML 4Page - Micrel Semiconductor MICRF007BM Datasheet HTML 5Page - Micrel Semiconductor MICRF007BM Datasheet HTML 6Page - Micrel Semiconductor MICRF007BM Datasheet HTML 7Page - Micrel Semiconductor MICRF007BM Datasheet HTML 8Page - Micrel Semiconductor MICRF007BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MICRF007
Micrel
M9999-021705
4
February 17, 2005
Symbol
Parameter
Condition
Min
Typ
Max
Units
IOH
Output High Current
20.8
µA
IOL
Output Low Current
17.6
µA
VOH
Output High Voltage
DO, IOUT = –1µA
0.9VDD
V
VOL
Output Low Voltage
DO, IOUT = +1µA
0.1VDD
V
tR, tF
Output Rise and Fall Times
DO, CLOAD = 15pF
10
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are E�
MIL-STD-883C, method 3015. Do not operate or store near strong electrostatic fields.
4. Specification for packaged product only.
5. Sensitivity is defined as the average signal level, measured at the input, necessary to achieve 10-2 BER (bit error rate). The input signal is defined
as a return-to-zero (RZ) waveform with 50% average duty cycle (Manchester encoded data) at a data rate of 600bps. The RF input is assumed to
be matched into 50Ω.
6. Sensitivity, a commonly specified receiver parameter, provides an indication of the receiver’s input referred noise, generally input thermal noise.
However, it is possibl�
noise is appreciab�
A better indicator of achievable receiver range performance is usually given by its selectivity, often stated as intermediate frequency (IF) or radio
frequency (RF) bandwidth, depending on receiver topology. Selectivity is a measure of the rejection by the receiver of ambient noise. More selective
receivers will almost inva�
-
ally thermal will the receiver demonstrate sensitivity-limited performance.
7. Parameter scales linearly with reference oscillator frequency fT. For any reference oscillator frequency other than 6.7458MHz, compute the param-
eter value as the ratio:
fTMHz
6.7458
× (parameter value at 6.7458MHz)
Example: For reference oscillator freqency fT = 6.00MHz:
(parameter value at 6.00MHz)=
6.00
6.7458 × (parameter value at 6.7458MHz)
8. Spurious reve�
-
ing network.
9. Series resistance �
resistance is too great, the oscillator may oscillate at a diminished peak-to-peak level, or may fail to oscillate entirely. Micrel recommends that series
resistances for ceramic resonators and crystals not exceed 50Ω and 100Ω respectively. Refer to “Application Hint 35” for crystal recommendations.
10.
Parameter scales inversely with reference oscillator frequency fT. For any reference oscillator frequency other than 6.7458MHz, compute the
parameter value as the ratio:
6.7458
fTMHZ
× (parameter value at 6.7458MHz)
Example: For reference oscillator frequency fT = 6.00MHz:
(parameter value at 6.00MHz) = 6.7458
6.00
× (parameter value at 6.7458MHz)


Similar Part No. - MICRF007BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF007BM MICREL-MICRF007BM Datasheet
96Kb / 16P
   QwikRadio Low-Power UHF Receiver
More results

Similar Description - MICRF007BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112 Datasheet
527Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMMTR MICREL-MICRF112YMMTR Datasheet
556Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
MICRF213 MICREL-MICRF213 Datasheet
974Kb / 16P
   3.3V, QwikRadio짰 315MHz Receiver
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
   QwikRadio Low-Power UHF Receiver
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
   QwikRadio Low-Power UHF Receiver
logo
Semtech Corporation
SX1239 SEMTECH-SX1239 Datasheet
884Kb / 73P
   Low Power Integrated UHF Receiver
logo
Micrel Semiconductor
MICRF009 MICREL-MICRF009 Datasheet
1Mb / 16P
   QwikRadio Low-Power UHF Receiver
logo
Microchip Technology
MRF39RA MICROCHIP-MRF39RA Datasheet
1Mb / 72P
   Low-Power, Integrated UHF Receiver
01/27/15
logo
Semtech Corporation
SX1239 SEMTECH-SX1239_11 Datasheet
899Kb / 73P
   Low Power Integrated UHF Receiver
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_11 Datasheet
556Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com