Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K201B Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RP112K201B
Description  Low Noise 150mA LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP112K201B Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RP112K201B Datasheet HTML 6Page - RICOH electronics devices division RP112K201B Datasheet HTML 7Page - RICOH electronics devices division RP112K201B Datasheet HTML 8Page - RICOH electronics devices division RP112K201B Datasheet HTML 9Page - RICOH electronics devices division RP112K201B Datasheet HTML 10Page - RICOH electronics devices division RP112K201B Datasheet HTML 11Page - RICOH electronics devices division RP112K201B Datasheet HTML 12Page - RICOH electronics devices division RP112K201B Datasheet HTML 13Page - RICOH electronics devices division RP112K201B Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
RP112x
NO.EA-258-131024
10
RP112K Series Mark Specification Table (DFN(PLP)1010-4)
RP112Kxx1B
RP112Kxx1D
Product Name
VSET
Product Name
VSET
RP112K121B
1A
1.2V
RP112K121D
3A
1.2V
RP112K131B
1C
1.3V
RP112K131D
3C
1.3V
RP112K141B
1D
1.4V
RP112K141D
3D
1.4V
RP112K151B
1E
1.5V
RP112K151D
3E
1.5V
RP112K161B
1F
1.6V
RP112K161D
3F
1.6V
RP112K171B
1G
1.7V
RP112K171D
3G
1.7V
RP112K181B
1H
1.8V
RP112K181D
3H
1.8V
RP112K191B
1K
1.9V
RP112K191D
3K
1.9V
RP112K201B
1L
2.0V
RP112K201D
3L
2.0V
RP112K211B
1M
2.1V
RP112K211D
3M
2.1V
RP112K221B
1N
2.2V
RP112K221D
3N
2.2V
RP112K231B
1P
2.3V
RP112K231D
3P
2.3V
RP112K241B
1Q
2.4V
RP112K241D
3Q
2.4V
RP112K251B
1R
2.5V
RP112K251D
3R
2.5V
RP112K261B
1S
2.6V
RP112K261D
3S
2.6V
RP112K271B
1T
2.7V
RP112K271D
3T
2.7V
RP112K281B
1U
2.8V
RP112K281D
3U
2.8V
RP112K291B
1W
2.9V
RP112K291D
3W
2.9V
RP112K301B
1X
3.0V
RP112K301D
3X
3.0V
RP112K311B
1Y
3.1V
RP112K311D
3Y
3.1V
RP112K321B
1Z
3.2V
RP112K321D
3Z
3.2V
RP112K331B
2A
3.3V
RP112K331D
4A
3.3V
RP112K341B
2B
3.4V
RP112K341D
4B
3.4V
RP112K351B
2C
3.5V
RP112K351D
4C
3.5V
RP112K361B
2D
3.6V
RP112K361D
4D
3.6V
RP112K371B
2E
3.7V
RP112K371D
4E
3.7V
RP112K381B
2F
3.8V
RP112K381D
4F
3.8V
RP112K391B
2G
3.9V
RP112K391D
4G
3.9V
RP112K401B
2H
4.0V
RP112K401D
4H
4.0V
RP112K411B
2J
4.1V
RP112K411D
4J
4.1V
RP112K421B
2K
4.2V
RP112K421D
4K
4.2V
RP112K431B
2L
4.3V
RP112K431D
4L
4.3V
RP112K441B
2M
4.4V
RP112K441D
4M
4.4V
RP112K451B
2N
4.5V
RP112K451D
4N
4.5V
RP112K461B
2P
4.6V
RP112K461D
4P
4.6V
RP112K471B
2Q
4.7V
RP112K471D
4Q
4.7V
RP112K481B
2R
4.8V
RP112K481D
4R
4.8V
RP112K121B5
1B
1.25V
RP112K121D5
3B
1.25V
RP112K181B5
1J
1.85V
RP112K181D5
3J
1.85V
RP112K281B5
1V
2.85V
RP112K281D5
3V
2.85V


Similar Part No. - RP112K201B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP112K201B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com