Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K251B Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP112K251B
Description  Low Noise 150mA LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP112K251B Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP112K251B Datasheet HTML 1Page - RICOH electronics devices division RP112K251B Datasheet HTML 2Page - RICOH electronics devices division RP112K251B Datasheet HTML 3Page - RICOH electronics devices division RP112K251B Datasheet HTML 4Page - RICOH electronics devices division RP112K251B Datasheet HTML 5Page - RICOH electronics devices division RP112K251B Datasheet HTML 6Page - RICOH electronics devices division RP112K251B Datasheet HTML 7Page - RICOH electronics devices division RP112K251B Datasheet HTML 8Page - RICOH electronics devices division RP112K251B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
RP112x
NO.EA-258-131024
5
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VIN
=5.25V(VOUT ≥ 4.1V), VIN=Set VOUT+1.0V(1.5V < VOUT < 4.1V),
VIN
=2.5V(VOUT ≤ 1.5V), IOUT=1mA, CIN=COUT=1.0μF.
The specifications surrounded by
are guaranteed by Design Engineering at - 40
°C ≤ Ta ≤85°C.
RP112xxxxB/D
Ta
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
≥ 2.0V
×0.99
×1.01
V
Ta=25
°C
VOUT < 2.0V
−20
+20
mV
VOUT
≥ 2.0V
×0.985
×1.015
V
VOUT
Output Voltage
−40°C ≤ Ta ≤ 85°C
VOUT < 2.0V
−30
+30
mV
IOUT
Output Current
150
mA
ΔVOUT/ΔIOUT Load Regulation
1mA
≤ IOUT ≤ 150mA
-14
0
14
mV
VDIF
Dropout Voltage
Please refer to “Dropout Voltage”.
VOUT
≥ 4.1V
80
ISS
Supply Current
IOUT
=0mA
VOUT < 4.1V
75
100
μA
Istandby
Standby Current
VCE
=0V
0.1
1.0
μA
Set VOUT
+0.3 ≤
VIN
≤ 5.25V
VOUT
≥ 4.1V
Set VOUT
+0.5V ≤
VIN
≤ 5.0V
1.7V
≤ VOUT ≤ 4.1V
ΔVOUT/ΔVIN Line Regulation
2.2V
≤ VIN ≤ 5.0V VOUT < 1.7V
0.02
0.10
%/V
f
=1kHz
80
f
=10kHz
75
RR
Ripple Rejection
Ripple 0.2Vp-p,
IOUT
=30mA,
VIN
=5.25V
(VOUT
≥ 4.1V),
VIN
=Set VOUT+1.0V
(VOUT < 4.1V)
f
=100kHz
65
dB
VIN
Input Voltage
2.0
5.25
V
ΔVOUT/ΔTopt
Output Voltage
Temperature Coefficient
−40°C ≤ Ta ≤ 85°C
±30
ppm
/
°C
ISC
Short Current Limit
VOUT
=0V
40
mA
IPD
CE Pull-down Current
0.3
0.6
μA
VCEH
CE Input Voltage "H"
1.0
V
VCEL
CE Input Voltage "L"
0.4
V
en
Output Noise
BW
=10Hz~100kHz,
IOUT
=30mA
10
μVrms
RLOW
Auto-discharge Nch Tr.
ON Resistance
(D version)
VIN
=4.0V, VCE=0V
60
Ω
All test categories were tested on the products under the pulse load condition (Tj
≈Ta=25ºC) except Output
Noise, Ripple Rejection, and Output Voltage Temperature Coefficient.
*1) The maximum input voltage (Electrical Characteristics) is 5.25V. If, for any reason the maximum input voltage
exceeds 5.25V, it has to be no more than 5.5V with 500hrs of the total operating time.


Similar Part No. - RP112K251B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP112K251B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com