Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-QFN-7000 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # CBT-QFN-7000
Description  Minimum real estate required
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7000 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CBT-QFN-7000 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 4Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Top View
Side View
(Section AA)
39.23mm
[1.544"]
32.6mm [1.283"]
A
A
44.72mm±0.25mm
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
PAGE 1 of 5
1
2
6
5
3
Features
Directly mounts to target PCB (needs tooling
holes) with hardware
Minimum real estate required
Compression plate distributes evenly
Clamshell lid
Compression Plate: Black anodized 7075
Aluminum.
Thickness = 12 mm.
Fluted Knob Compression Screw: Clear anodized
7075 Aluminum.
Socket Base: Black anodized 7075 Aluminum.
Height = 6 mm.
Clam Shell Lid: Black anodized 7075 Aluminum.
Height = 20 mm.
Socket Base Screw: Socket Head Cap Screw,
alloy steel with black oxide finish, 0-80 Thread,
5/8" long.
Backing Plate: Black anodized 7075 Aluminum
1
Materials:
2
3
4
5
6
7
8
9
IC guide: Ultem
4
8
9
10
7
Latch: Black anodized 7075 Aluminum.
10
Customer's PCB
Pogo Pin Guides: Ceremic Filled Peek
SBT 0.5mm LGA Pin: BeCu, Au Plated Over Ni.
Spring Material: SS, Au Plated Over Ni.
Status: Released
Drawing: Vinayak R
Rev: A
Date: 3/1/10
File: CBT-QFN-7000 Dwg
CBT-QFN-7000 Drawing
Modified:
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Scale: -


Similar Part No. - CBT-QFN-7000

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-QFN-7001 IRONWOOD-CBT-QFN-7001 Datasheet
350Kb / 5P
   Compression plate distributes evenly
CBT-QFN-7002 IRONWOOD-CBT-QFN-7002 Datasheet
407Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7003 IRONWOOD-CBT-QFN-7003 Datasheet
289Kb / 4P
   Self inductance 0.88nH
CBT-QFN-7004 IRONWOOD-CBT-QFN-7004 Datasheet
587Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7005 IRONWOOD-CBT-QFN-7005 Datasheet
299Kb / 6P
   Self inductance 0.88nH
More results

Similar Description - CBT-QFN-7000

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-BGA352B-01 IRONWOOD-SS-BGA352B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA560A-01 IRONWOOD-SS-BGA560A-01 Datasheet
179Kb / 4P
   Minimum real estate required
SS-BGA272A-01 IRONWOOD-SS-BGA272A-01 Datasheet
114Kb / 4P
   Minimum real estate required
SS-BGA352A-01 IRONWOOD-SS-BGA352A-01 Datasheet
192Kb / 5P
   Minimum real estate required
CG-BGA-4020 IRONWOOD-CG-BGA-4020 Datasheet
387Kb / 4P
   Minimum real estate required
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
SS-BGA256B-01 IRONWOOD-SS-BGA256B-01 Datasheet
117Kb / 4P
   Minimum real estate required
SS-BGA256E-01 IRONWOOD-SS-BGA256E-01 Datasheet
130Kb / 5P
   Minimum real estate required
SS-BGA324E-01 IRONWOOD-SS-BGA324E-01 Datasheet
121Kb / 4P
   Minimum real estate required
SS-BGA324G-01 IRONWOOD-SS-BGA324G-01 Datasheet
116Kb / 4P
   Minimum real estate required
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com