Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K471B Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RP112K471B
Description  Low Noise 150mA LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP112K471B Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RP112K471B Datasheet HTML 7Page - RICOH electronics devices division RP112K471B Datasheet HTML 8Page - RICOH electronics devices division RP112K471B Datasheet HTML 9Page - RICOH electronics devices division RP112K471B Datasheet HTML 10Page - RICOH electronics devices division RP112K471B Datasheet HTML 11Page - RICOH electronics devices division RP112K471B Datasheet HTML 12Page - RICOH electronics devices division RP112K471B Datasheet HTML 13Page - RICOH electronics devices division RP112K471B Datasheet HTML 14Page - RICOH electronics devices division RP112K471B Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
RP112x
NO.EA-258-131024
11
Power Dissipation (SC-88A)
Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the
measurement at the conditions below:
Measurement Conditions:
Standard Test Land Pattern
Environment
Mounting on Board (Wind velocity=0m/s)
Board Material
Glass cloth epoxy plastic (Double Layers)
Board Dimensions
40mm
× 40mm × 1.6mm
Copper Ratio
Top side: Approx. 50%, Back side: Approx. 50%
Through-hole
φ 0.5mm x 44pcs
Measurement Result:
(Ta=25
°C)
Standard Test Land Pattern
Free Air
Power Dissipation
380mW (Tjmax=125
°C)
475mW (Tjmax=150
°C)
150mW
θja=(125-25°C)/0.38W=263°C/W
θja=(125-25°C)/0.15W=667°C/W
Thermal Resistance
θjc=75°C/W
-
0
100
200
300
400
500
600
0
25
50
75
100
125
150
Ambient Temperature (ºC)
150
380
475
85
Free Air
Standard Test Land Pattern
Power Dissipation
Measurement Board Pattern
IC Mount Area (Unit: mm)
40
The above graph shows that the power dissipation of the package under the conditions of
Tjmax=125
°C and Tjmax=150°C. The use under the diagonal line in the graph might have an affect
on the ICs’ lifetime. Please use the ICs within the limited operating time and estimated years as
described below.
Operating Time
Estimated Years (4hrs/day)
13,000 hours
9 years


Similar Part No. - RP112K471B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP112K471B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com