Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP111H231D Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP111H231D
Description  Good Transient Response Low Voltage 500mA LDO
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP111H231D Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP111H231D Datasheet HTML 2Page - RICOH electronics devices division RP111H231D Datasheet HTML 3Page - RICOH electronics devices division RP111H231D Datasheet HTML 4Page - RICOH electronics devices division RP111H231D Datasheet HTML 5Page - RICOH electronics devices division RP111H231D Datasheet HTML 6Page - RICOH electronics devices division RP111H231D Datasheet HTML 7Page - RICOH electronics devices division RP111H231D Datasheet HTML 8Page - RICOH electronics devices division RP111H231D Datasheet HTML 9Page - RICOH electronics devices division RP111H231D Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
RP111x
NO.EA-241-150204
6
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VIN=Set VOUT +1.0V(VOUT >1.5), VIN=2.5V(VOUT
 1.5V), IOUT=1mA, CIN=COUT=1.0μF.
The specifications surrounded by
are guaranteed by Design Engineering at
40°C  Topt  85°C.
RP111xxx1B/D
Topt
25C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
RLOW
Low Output Nch Tr.
ON Resistance
(of D version)
VIN
4.0V, VCE0V
60

All of units are tested and specified under load conditions such that Tj≈Topt
25C except for Output Voltage
Temperature Coefficient, Load Transient Response, Input Transient Response, Output Noise and Ripple
Rejection.
) When Input Voltage is 5.5V, the total operational time must be within 500hrs.
Dropout Voltage
Topt
25C
Output Voltage
VOUT (V)
Dropout Voltage VDIF (V)
Condition
Typ.
Max.
0.7 ≤ VOUT < 0.8
IOUT=500mA
0.58
0.88
0.8 ≤ VOUT < 0.9
0.52
0.80
0.9 ≤ VOUT < 1.0
0.45
0.70
1.0 ≤ VOUT < 1.2
0.42
0.64
1.2 ≤ VOUT < 1.4
0.35
0.53
1.4 ≤ VOUT < 1.8
0.31
0.48
1.8 ≤ VOUT < 2.1
0.27
0.41
2.1 ≤ VOUT < 2.5
0.25
0.38
2.5 ≤ VOUT < 3.0
0.23
0.34
3.0 ≤ VOUT ≤ 3.6
0.22
0.32
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.


Similar Part No. - RP111H231D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111H231D RICOH-RP111H231D Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
More results

Similar Description - RP111H231D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111X RICOH-RP111X Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
   500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
Texas Instruments
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215 Datasheet
590Kb / 4P
   500mA Low Noise, High PSRR, Fast Transient Response LDO with Adjustable
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com