Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-SO-4001 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CBT-SO-4001
Description  Highly compliant to accommodate wide co-planarity variations
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-SO-4001 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CBT-SO-4001 Datasheet HTML 1Page - Ironwood Electronics. CBT-SO-4001 Datasheet HTML 2Page - Ironwood Electronics. CBT-SO-4001 Datasheet HTML 3Page - Ironwood Electronics. CBT-SO-4001 Datasheet HTML 4Page - Ironwood Electronics. CBT-SO-4001 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
13
14
2
15
16
3
18
4
12
1
6
17
11
9
10
5
8
20
7
19
15.725 (x4)
90°
3
4
1.70
5
2.60
2.50
Backing Plate
Top View
Backing Plate
Side View
SBT PIN
scale 16:1
ITEM NO.
DESCRIPTION
Material
1
Dowel pin, 1/32" X 1/4", SS
Stainless Steel (18-8)
2
Screw, #0-80 X .188", Flat, SS
Stainless Steel (18-8)
3
#0-80 x 0.5, SH Cap Screw
Alloy Steel
4
Floating Guide Spring
Alloy Steel (SS)
5
10x10mm clamshell latch
7075-T6 Aluminum Alloy
6
Stamped Pin, 0.4mm SBT-BGA
N/A
7
M2 Dowel Pin 4mm SS
Stainless Steel (18-8)
8
Torsion Spring, 180 0.109" OD, Ccw/Rh
Steel Music Wire
9
Dowel Pin, M2 X 20mm LG, 18-8 SS
AISI 347 Annealed Stainless Steel
(SS)
10
CBT Snap double latch socket lid for up to
10mm IC
7075-T6 Aluminum Alloy
11
Compression Plate SOIC8 10.98mm T_T
Torlon 5530
12
CBT double latch Socket Base for up to
7mm W posts
7075-T6 Aluminum Alloy
13
Floating guide SOIC8 10.98mm T_T 1.27mm
pitch
Semitron MDS 100
14
SOIC8 10.98mm T_T 1.27mm pitch Top
spring pin guide
Semitron MDS 100
15
SOIC8 10.98mm T_T 1.27mm pitch Bottom
spring pin guide
Semitron MDS 100
16
13x13mm Clamshell Backing Plate
7075-T6 Aluminum Alloy
17
CFE SO8 1.27mm pitch
Material <not specified>
18
PCB SOIC8 10.98mm T_T 1.27mm pitch
High Temp FR4
19
Spring 0.125" OD 0.250" long 0.016" wire
Alloy Steel
20
#0-80 X .188 LG, SOC HD CAP SCREW,
ALLOY STL, BLK OXIDE
Alloy Steel
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy, detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 08/21/2014
Material: N/A
Finish: N/A
Weight: 18.73
CBT-SO-4001 Drawing
SCALE: 2:1
SHEET: 4 OF 5
ENG: V. Panavala
FILE: CBT-SO-4001 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-SO-4001

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-SO-4000 IRONWOOD-CBT-SO-4000 Datasheet
350Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4002 IRONWOOD-CBT-SO-4002 Datasheet
545Kb / 4P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - CBT-SO-4001

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com