Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP111H301D Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RP111H301D
Description  Good Transient Response Low Voltage 500mA LDO
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP111H301D Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RP111H301D Datasheet HTML 7Page - RICOH electronics devices division RP111H301D Datasheet HTML 8Page - RICOH electronics devices division RP111H301D Datasheet HTML 9Page - RICOH electronics devices division RP111H301D Datasheet HTML 10Page - RICOH electronics devices division RP111H301D Datasheet HTML 11Page - RICOH electronics devices division RP111H301D Datasheet HTML 12Page - RICOH electronics devices division RP111H301D Datasheet HTML 13Page - RICOH electronics devices division RP111H301D Datasheet HTML 14Page - RICOH electronics devices division RP111H301D Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
RP111x
NO.EA-241-150204
11
CIN
1.0µF, COUT1.0µF, IOUT1mA Peak Output Current (tr=tf=5.0s)
Input Transient Response has the output voltage dependency. Please refer to the characteristics examples
below.
VIN: Set VOUT+0.5VSet VOUT+1.5V (tr
tf5.0µs), VIN≧1.4V,
COUT
1.0µF, IOUT30mA
The graphs shown above are reference data.
For the better transient response, a capacitor with higher capacitance is recommended and the wire
impedance of GND and VOUT should be minimized as possible.
The transient response characteristics depend on the external parts and PCB layout. Therefore, the
operating conditions for the transient response in the application should be considered and evaluation is
necessary.
0
1
2
3
4
0.4
1.2
2.0
2.8
3.6
Set Output Voltage VREG (V)
MAX.
TYP.
-4
-3
-2
-1
0
0.41.2
2.02.8
3.6
Set Output Voltage VREG (V)
MAX.
TYP.
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
100
200
300
400
500
Peak Output Current [mA]
TYP.
MAX.
0
5
10
15
20
25
30
35
0
100
200
300
400
500
Peak Output Current [mA]
MAX.
TYP.


Similar Part No. - RP111H301D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111H301D RICOH-RP111H301D Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
RP111H301D-T1-FE RICOH-RP111H301D-T1-FE Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results

Similar Description - RP111H301D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111X RICOH-RP111X Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
   500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
Texas Instruments
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215 Datasheet
590Kb / 4P
   500mA Low Noise, High PSRR, Fast Transient Response LDO with Adjustable
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com