Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP112K271D Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RP112K271D
Description  Low Noise 150mA LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP112K271D Datasheet(HTML) 2 Page - RICOH electronics devices division

  RP112K271D Datasheet HTML 1Page - RICOH electronics devices division RP112K271D Datasheet HTML 2Page - RICOH electronics devices division RP112K271D Datasheet HTML 3Page - RICOH electronics devices division RP112K271D Datasheet HTML 4Page - RICOH electronics devices division RP112K271D Datasheet HTML 5Page - RICOH electronics devices division RP112K271D Datasheet HTML 6Page - RICOH electronics devices division RP112K271D Datasheet HTML 7Page - RICOH electronics devices division RP112K271D Datasheet HTML 8Page - RICOH electronics devices division RP112K271D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
RP112x
NO.EA-258-131024
2
BLOCK DIAGRAMS
RP112xxxxB
RP112xxxxD
VDD
GND
VOUT
CE
Vref
Current
Limit
Noise
Reduction
VDD
GND
VOUT
CE
Vref
Current
Limit
Noise
Reduction
SELECTION GUIDE
The output voltage, auto discharge function, package for the ICs can be selected at the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP112Kxx1
∗-TR
DFN(PLP)1010-4
10,000 pcs
Yes
Yes
RP112Qxx2
∗-TR-FE
SC-88A
3,000 pcs
Yes
Yes
RP112Nxx1
∗-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
xx: Output voltage (VOUT) is selectable from 1.2V to 4.8V in 0.1V steps.
The second decimal point of the voltage is described as below.
1.25V: RP112x12x
∗5
1.85V: RP112x18x
∗5
2.85V: RP112x28x
∗5
∗: Selections of CE pin polarity and Auto-discharge function are as shown below:
(B) CE pin polarity: “H” active, Auto-discharge function: No
(D) CE pin polarity: “H” active, Auto-discharge function: Yes


Similar Part No. - RP112K271D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP112K271D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com