Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-QFN-7027 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CBT-QFN-7027
Description  Excellent signal integrity at high frequencies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7027 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CBT-QFN-7027 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7027 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7027 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7027 Datasheet HTML 4Page - Ironwood Electronics. CBT-QFN-7027 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
7
9
4
2
20
6
3
13
?
14
11
19
15
16
17
18
21
1
5
8
22
12
9.725±0.050 (x4)
14.725
3 (x5)
2
0.75
4.50
7.25
INS PLT and BK PLT
Top View
INS PLT and BK PLT
Side View
SBT PIN
scale 16:1
ITEM
NO.
DESCRIPTION
Material
1
Clam Shell Socket Lid 10mm IC
7075-T6 Aluminum Alloy
2
CBT Compression Plate 3x4mm IC
7075-T6 Aluminum Alloy
3
Clamshell socket base 7mm with
post
7075-T6 Aluminum Alloy
4
M6x1 fluted knob compression
screw, Ni plated
7075-T6 Aluminum Alloy
5
Latch 6- 10mm Ni plated
7075-T6 Aluminum Alloy
6
Hinge Pin and Snap Ring, 2mm OD,
19mm long, SS
Stainless Steel (ferritic)
7
Screw, M3 x 12mm, Low Head
Cap, SS
18-8 Stainless Steel
8
Precision Compression Spring, Zinc-
Plated Music Wire, 1/2" Length, .12"
OD, .016" Wire
Zinc Plated Music Wire
9
Spring Clamshell lid assembly
Steel Music Wire
10
Dowel pin, 1/32" X 1/4", SS
Stainless Steel (18-8)
11
#0-80, 90 deg., head pin guide
screw, Peek material
PEEK unfilled
12
Pin orientation guide QFN12
Kapton Polyimide
13
Floating guide 3x4mm IC 0.5mm
QFN12 with IC pocket
PEEK Ceramic filled
14
QFN12 SBT Top spring pin guide
PEEK Ceramic filled
15
QFN12 SBT Bottom spring pin guide
PEEK Ceramic filled
16
Insulation Plate 7mm
Ultem 1000
17
Clamshell Backing Plate, 7mm IC
4.5 Thick
7075-T6 Aluminum Alloy
18
#0-80 x 0.5, SH Cap Screw
Alloy Steel
19
SBT Pin, 0.4mm pitch
N/A
20
IC, QFN12 3x4x0.90mm
High Temp FR4
21
Target PCB
High Temp FR4
22
Floating Guide Spring
Alloy Steel (SS)
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy, detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. C
DATE: 6/6/2012
Material: N/A
Finish: N/A
Weight: 41.23
CBT-QFN-7027 Drawing
SCALE: 2:1
SHEET: 4 OF 5
ENG: S. Huang
FILE: CBT-QFN-7027 Dwg
DRAWN BY: S. Huang


Similar Part No. - CBT-QFN-7027

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-QFN-7021 IRONWOOD-CBT-QFN-7021 Datasheet
389Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7022 IRONWOOD-CBT-QFN-7022 Datasheet
723Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7023 IRONWOOD-CBT-QFN-7023 Datasheet
323Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7024 IRONWOOD-CBT-QFN-7024 Datasheet
408Kb / 6P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
More results

Similar Description - CBT-QFN-7027

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com