Electronic Components Datasheet Search |
|
BUK72150-55A Datasheet(PDF) 1 Page - NXP Semiconductors |
|
BUK72150-55A Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 13 page 1. Product profile 1.1 General description Standard level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology. This product has been designed and qualified to the appropriate AEC standard for use in automotive critical applications. 1.2 Features and benefits AEC Q101 compliant Low conduction losses due to low on-state resistance Suitable for standard level gate drive sources Suitable for thermally demanding environments due to 175 °C rating 1.3 Applications 12 V and 24 V loads Automotive systems General purpose power switching Motors, lamps and solenoids 1.4 Quick reference data BUK72150-55A N-channel TrenchMOS standard level FET Rev. 03 — 26 January 2011 Product data sheet Table 1. Quick reference data Symbol Parameter Conditions Min Typ Max Unit VDS drain-source voltage Tj ≥ 25 °C; Tj ≤ 175 °C --55 V ID drain current VGS =10V; Tmb =25°C; see Figure 3; see Figure 1 --11 A Ptot total power dissipation Tmb = 25 °C; see Figure 2 --36 W Static characteristics RDSon drain-source on-state resistance VGS =10V; ID =5A; Tj =25°C; see Figure 10; see Figure 11 -127 150 m Ω |
Similar Part No. - BUK72150-55A_11 |
|
Similar Description - BUK72150-55A_11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |